Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1018CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1018CS8
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1018CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1018CS8 Datasheet HTML 1Page - Linear Technology LT1018CS8 Datasheet HTML 2Page - Linear Technology LT1018CS8 Datasheet HTML 3Page - Linear Technology LT1018CS8 Datasheet HTML 4Page - Linear Technology LT1018CS8 Datasheet HTML 5Page - Linear Technology LT1018CS8 Datasheet HTML 6Page - Linear Technology LT1018CS8 Datasheet HTML 7Page - Linear Technology LT1018CS8 Datasheet HTML 8Page - Linear Technology LT1018CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1017/LT1018
1
10178ff
TYPICAL APPLICATION
DESCRIPTION
Micropower
Dual Comparator
The LT®1017/LT1018 are general purpose micropower
comparators. The LT1017 is optimized for lowest operat-
ing power while the LT1018 operates at higher power and
higher speed. Both devices can operate from a single 1.1V
cell up to 40V. The output stage includes a class “B” pull-
up current source, eliminating the need for an external
resistive pull-up and saving power. The output stage is
also designed to allow driving loads connected to a supply
more positive than the device, as can comparators with
open-collector output stages.
Input specifications are also excellent. On-chip trimming
minimizes offset voltage, while high gain and common
mode rejection ratio keep other input referred errors low.
Common mode voltage range includes ground. Special
circuitry prevents false output states even if the input is
overdriven.
The LT1017/LT1018 are pin compatible with older dual
comparators such as 393 type devices.
1.5V Powered Refrigerator Alarm
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Maximum Offset Voltage: 1mV
n Maximum Bias Current: 15nA
n Typical Output Drive: 70mA
n Operates from 1.1V to 40V
n Internal Pull-Up Current
n Output Can Drive Loads Above V+
n 30μA Supply Current (LT1017)
110μA Supply Current (LT1018)
n Available in 8-Lead PDIP, 8-Lead Plastic S0, and
16-Lead Plastic SO Packages
n Power Supply Monitors
n Relay Driving
n Oscillators
Supply Current
3
665k
1%
52.3k
1%
OUTPUT HIGH FOR
0°C ≤ T ≤ 5°C
280k
1%
YSI 44011
258.3k AT 5°C
333.1k AT 0°C
665k
1%
V+
1.5V
1
8
2
–
+
1/2 LT1017
5
7
4
1017/18 TA01
6
–
+
1/2 LT1017
TOTAL SUPPLY VOLTAGE (V)
12
4
0
40
80
160
10
20
40
100
1017/18 TA02
120
20
60
140
100
LT1018
OUTPUTS
LOW
LT1017
OUTPUTS
LOW
LT1018
OUTPUTS
HIGH
LT1017
OUTPUTS
HIGH


Similar Part No. - LT1018CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1018CS8 LINER-LT1018CS8 Datasheet
618Kb / 8P
Micropower Dual Comparator
More results

Similar Description - LT1018CS8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
Dual Micropower Comparator
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
Dual Micropower Comparator
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
logo
Linear Technology
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
Dual Micropower Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com