Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C191 Datasheet(PDF) 3 Page - STMicroelectronics

Part # WS57C191
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191 Datasheet(HTML) 3 Page - STMicroelectronics

  WS57C191 Datasheet HTML 1Page - STMicroelectronics WS57C191 Datasheet HTML 2Page - STMicroelectronics WS57C191 Datasheet HTML 3Page - STMicroelectronics WS57C191 Datasheet HTML 4Page - STMicroelectronics WS57C191 Datasheet HTML 5Page - STMicroelectronics WS57C191 Datasheet HTML 6Page - STMicroelectronics WS57C191 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WS57C191C/291C
2-9
AC READ CHARACTERISTICS Over Operating Range. (See Above)
PARAMETER
SYMBOL
191C/291C-25 191C/291C-35 191C/291C-45 191C/291C-55
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Address to Output Delay
tACC
25
35
45
55
CS to Output Delay
tCS
12
20
20
20
ns
Output Disable to
Output Float
*
tDF
12
20
20
20
Address to Output Hold
tOH
0
000
*Sampled, Not 100% Tested
AC READ TIMING DIAGRAM
VALID
ADDRESSES
OUTPUTS
tACC
tOH
tCS
tDF
VALID
CS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com