Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1018CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LT1018CSW
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1018CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1018CSW Datasheet HTML 2Page - Linear Technology LT1018CSW Datasheet HTML 3Page - Linear Technology LT1018CSW Datasheet HTML 4Page - Linear Technology LT1018CSW Datasheet HTML 5Page - Linear Technology LT1018CSW Datasheet HTML 6Page - Linear Technology LT1018CSW Datasheet HTML 7Page - Linear Technology LT1018CSW Datasheet HTML 8Page - Linear Technology LT1018CSW Datasheet HTML 9Page - Linear Technology LT1018CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1017/LT1018
6
10178ff
TYPICAL PERFORMANCE CHARACTERISTICS
Transition Time
Positive Transition Time
LT1017 Response Time
LT1017 Response Time
LT1018 Response Time
LT1018 Response Time
Output Sinking Current Limit
Total Switching Time
Output Delay
TEMPERATURE (°C)
–50
0
40
100
0
50
75
1017/18 G10
20
80
60
–25
25
100 125
150
OUTPUT SHORTED TO V+
LT1018
VS = 5V
LT1017
VS = 5V
LT1018
VS = 40V
LT1017
VS = 40V
TEMPERATURE (°C)
0
1
10
100
50
100
1017/18 G11
–50
25
75
125
–25
150
RL = 47k (LT1018)
RL = 200k (LT1017)
VOUT = 90% VFINAL
VOVERDRIVE = 5mV
LT1017
FALL
LT1018
FALL
LT1017
RISE
LT1018
RISE
OVERDRIVE (mV)
0.1
1
10
100
1
10
100
1017/18 G12
LT1017
FALL
LT1018
FALL
LT1017
RISE
LT1018
RISE
VOUT = 10% VFINAL
TOTAL SUPPLY VOLTAGE (V)
10
1
10
100
20
30
1017/18 G13
0
40
10% VFINAL ≤ VOUT ≤ 90% VFINAL
VOVERDRIVE = 10mV
LT1017 RISE
LT1018 FALL
LT1017 FALL/
LT1018 RISE
PULL-UP RESISTOR (Ω)
10k
10
1017/18 G14
0.1
1
1M
100k
1k
LT1017
VSUP = 40V
LT1018
VSUP = 40V
LT1018
VSUP = 2V
LT1017
VSUP = 2V
10% VFINAL ≤ VOUT ≤ 90% VFINAL
VOVERDRIVE = 10mV
1017/18 G15
V+ = 5V
V– = 0V
VIN = 100mV STEP
VOVERDRIVE = 10mV
VIN
VOUT
5μs/DIV
RL = 100k
RL = 10k
RL = ∞
1017/18 G17
V+ = 5V
V– = 0V
VIN = –100mV STEP
VOVERDRIVE = –10mV
VIN
VOUT
5μs/DIV
1017/18 G16
V+ = 5V
V– = 0V
VIN = 100mV STEP
VOVERDRIVE = –10mV
VIN
VOUT
5μs/DIV
RL = 100k
RL = 10k
RL = ∞
1017/18 G18
V+ = 5V
V– = 0V
VIN = –100mV STEP
VOVERDRIVE = –10mV
VIN
VOUT
2μs/DIV
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com