Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1014ACJ Datasheet(PDF) 2 Page - Linear Technology

Part # LT1014ACJ
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014ACJ Datasheet(HTML) 2 Page - Linear Technology

  LT1014ACJ Datasheet HTML 1Page - Linear Technology LT1014ACJ Datasheet HTML 2Page - Linear Technology LT1014ACJ Datasheet HTML 3Page - Linear Technology LT1014ACJ Datasheet HTML 4Page - Linear Technology LT1014ACJ Datasheet HTML 5Page - Linear Technology LT1014ACJ Datasheet HTML 6Page - Linear Technology LT1014ACJ Datasheet HTML 7Page - Linear Technology LT1014ACJ Datasheet HTML 8Page - Linear Technology LT1014ACJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1013/LT1014
10134fc
OBSOLETE PACKAGE
Consider the N or S8 Packages for Alternate Source
Supply Voltage ......................................................
±22V
Differential Input Voltage .......................................
±30V
Input Voltage ............... Equal to Positive Supply Voltage
............ 5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range
All Grades ......................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
Operating Temperature Range
LT1013AM/LT1013M/
LT1014AM/LT1014M ...................... – 55
°C to 125°C
LT1013AC/LT1013C/LT1013D
LT1014AC/LT1014C/LT1014D ................. 0
°C to 70°C
LT1013I/ LT1014I ............................... – 40
°C to 85°C
LT1014ACN
LT1014CN
LT1014DN
LT1014IN
ORDER PART
NUMBER
LT1013AMH
LT1013MH
LT1013ACH
LT1013CH
ORDER PART
NUMBER
LT1013ACN8
LT1013CN8
LT1013DN8
LT1013IN8
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
OUTPUT A
–IN A
+IN A
V –
V +
OUTPUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
A
B
–
+
B
TOP VIEW
OUTPUT B
V+
OUTPUT A
–IN A
–IN B
+IN B
+IN A
V–(CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
–
+
A
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
J PACKAGE
14-LEAD CERDIP
14
13
12
11
10
9
8
OUTPUT A
–IN A
+IN A
V +
+IN B
–IN B
OUTPUT B
OUTPUT D
–IN D
+IN D
V –
+IN C
–IN C
OUTPUT C
A
D
–
+
B
–
+
C
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
OUTPUT A
–IN A
+IN A
V+
+IN B
–IN B
OUTPUT B
NC
OUTPUT D
–IN D
+IN D
V–
+IN C
–IN C
OUTPUT C
NC
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LT1013AMJ8
LT1013MJ8
LT1013ACJ8
LT1013CJ8
LT1014AMJ
LT1014MJ
LT1014ACJ
LT1014CJ
ORDER PART
NUMBER
LT1013DS8
LT1013IS8
PART MARKING
1013
1013I
ORDER PART
NUMBER
LT1014DSW
LT1014ISW
PART MARKING
LT1014DSW
LT1014ISW
1
2
3
4
8
7
6
5
TOP VIEW
–INA
OUTA
V+
OUTB
+INA
V–
+INB
–INB
S8 PACKAGE
8-LEAD PLASTIC SO
–
+
NOTE: THIS PIN CONFIGURATION DIFFERS FROM
THE STANDARD 8-PIN DUAL-IN-LINE CONFIGURATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 100°C/W
TJMAX = 150°C, θJA = 100°C/W
OBSOLETE PACKAGE
Consider the N or S8 (not N8) Packages for Alternate Source
TJMAX = 150°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 100°C/W
TJMAX = 150°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 190°C/W
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
OBSOLETE PACKAGE
Consider the N or SW Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com