Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160CS Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1160CS Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT1160CS Datasheet HTML 8Page - Linear Integrated Systems LT1160CS Datasheet HTML 9Page - Linear Integrated Systems LT1160CS Datasheet HTML 10Page - Linear Integrated Systems LT1160CS Datasheet HTML 11Page - Linear Integrated Systems LT1160CS Datasheet HTML 12Page - Linear Integrated Systems LT1160CS Datasheet HTML 13Page - Linear Integrated Systems LT1160CS Datasheet HTML 14Page - Linear Integrated Systems LT1160CS Datasheet HTML 15Page - Linear Integrated Systems LT1160CS Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1160/LT1162
11602fb
TYPICAL APPLICATIONS
Figure 6. 200W Class D, 10Hz to 1kHz Amplifier
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
8
7
6
5
1
2
3
4
1
2
3
4
5
6
7
8
7
6
5
14
13
12
11
10
9
8
8
7
6
5
1
2
3
4
24
23
22
21
20
19
18
17
16
15
14
13
LT1162
IN TOP A
IN BOTTOM A
UV OUT A
GND A
SV+ A
B GATE FB A
SV+ B
IN TOP B
IN BOTTOM B
UV OUT B
GND B
B GATE FB B
PV+ A
BOOST A
T GATE DR A
T GATE FB A
T SOURCE A
B GATE DR A
BOOST B
T GATE DR B
T GATE FB B
T SOURCE B
PV+ B
B GATE DR B
LT1058
TC4428
1N4148
330k
L*
158
µH
L*
158
µH
330k
IRFZ44
IRFZ44
IRFZ44
IRFZ44
0.1
µF
10
µF
1000
µF
10
µF
150k
10k
100k
10k
95k
1160/62 F06
150k
–12V
10k
10k
10k
200k
95k
10k
10k
200k
IN
5V
1k
1k
1k
1k
12V
0.0033
µF
0.1
µF
0.1
µF
1
µF
0.0033
µF
1k
47
µF
47
µF
47
µF
47
µF
0.1
µF
100
µF
0.1
µF
10
µF
10
µF
0.1
µF
1000
µF
1N4148
LT1015
LT1016
+
10k
* Kool M
µ® CORE #77548-A7
35 TURNS 14GA MAGNET WIRE
fCARRIER = 100kHz
60V MAX
LOAD
+
Kool M
µ is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com