Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFB3JP2AB Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # OFB3JP2AB
Description  3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OFB3JP2AB Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  OFB3JP2AB Datasheet HTML 1Page - Connor-Winfield Corporation OFB3JP2AB Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
OFB3JP2AB is a true Surface
Mount 3.3V Oven Controlled
Crystal Oscillator (OCXO)
with an LVCMOS output. The
OFB3JP2AB is designed for
Stratum 3 applications
requiring tight frequency
stability and low jitter.
1
2
OFB3JP2AB - 012.8M
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
FIXED FREQUENCY OCXO
3.3V OPERATION
LOW JITTER <1pS RMS
FREQUENCY STABILITY: ±0.20ppm
TEMPERATURE RANGE: -40 to 85°C
FREQUENCY TOLERANCE: ±4.6ppm
OVER 20 YEARS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFB3JP2AB
Cx108
03
04/26/07
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
1.544
-
20.0
MHz
Frequency Calibration
-0.5
0.5
ppm
1,4
Frequency Stability
-0.20
-
0.20
ppm
2
Total Frequency Tolerance
-4.6
-
4.6
ppm
3
Aging (Daily)
-10
-
10
ppb
4
Aging (1st year)
-0.5
0.5
ppm
Aging (20 years)
-4.0
4.0
ppm
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
700
mA
Jitter (BW =10KHz to Fo/2)
-
-
1
ps RMS
SSB Phase Noise at 1 Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 10 Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 100 Hz offset
-
-120
-
dBc/Hz
SSB Phase Noise at 1 KHz offset
-
-140
-
dBc/Hz
SSB Phase Noise at 10 KHz offset
-
-145
-
dBc/Hz
SSB Phase Noise at 100 KHz offset
-
-150
-
dBc/Hz
Start-Up Time: Oscillator
-
-
50
ms
Warm Up Time
-
-
5
Minutes
5
LVCMOS OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
12
15
18
pF
Voltage
(High)
(Voh)
3.0
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
ns
PACKAG E CHARACTERISTICS
TABLE 4.0
Package
Surface Mount, Non-hermetic package consisting of an FR4 substrate with
grounded metal cover.
PROCESS RECOMMENDATIONS
TABLE 5.0
Soldering Process
See solder profile on page 2.
Wash
Ultrasonic cleaning is not recommended
Notes:
1) Initial calibration @ 25°C
2) Frequency vs. temperature stability, peak to peak, -40 to 85°C.
3) Inclusive of calibration, operating tem perature range, supply voltage chang e, shock and
vibration and aging (20 years).
4) Specifications at time of shipm ent after 48 hours of operation.
5) Measured @ 25°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 m inutes of continuous operation at a st able 25°C.


Similar Part No. - OFB3JP2AB

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFB3P-4-19 RICHCO-OFB3P-4-19 Datasheet
45Kb / 1P
OPTICAL FIBER BRACKET, 3MM, PLUG-IN, 4 SLOT
More results

Similar Description - OFB3JP2AB

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3P CONNOR-WINFIELD-ASOF3S3P Datasheet
188Kb / 2P
3.3V SURFACE MOUNT STRATUM 3 PLUS HCMOS OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
CSOV3S3 CONNOR-WINFIELD-CSOV3S3 Datasheet
198Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFA3JP2AB CONNOR-WINFIELD-OFA3JP2AB Datasheet
216Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OVA3BA2AA CONNOR-WINFIELD-OVA3BA2AA Datasheet
249Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 VCOCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com