Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVA3BA2AA Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # OVA3BA2AA
Description  3.3V SURFACE MOUNT LVCMOS STRATUM 3 VCOCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OVA3BA2AA Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  OVA3BA2AA Datasheet HTML 1Page - Connor-Winfield Corporation OVA3BA2AA Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx084
01
02/19/07
90%
50%
10%
.830
(21.08mm)
.565
(14.35mm)
Notes:
1) Initial calibration @ 25°C, Vc = 1.48 Vdc.
2) Frequency vs. temperature stabilit y referenced to 25°C.
3) Inclusive of calibration, operating t emperature range, supply voltage c hange, shock and
vibration and aging (10 years).
4) Specifications at time of shipment af ter 48 hours of operation.
5) Measured @ 25°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 m inutes of continuous operation at a st able 25°C.
6) Referenced to Fo @ 25°C, Positive Transfer Characteristic.
TABLE 7.0
Pin
Function
1
Voltage Control
7
Ground (Case)
8
Output
14
Vcc
1
7
8
14
3.0Vdc
3.3Vdc
CONTROL
VOLTAGE
POWER
SUPPLY
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Surface Mount, Non-hermetic package consisting of an FR4 substrate with
grounded metal cover.
PROCESS RECOMMENDATIONS
TABLE 6.0
Solder Reflow
See solder profile.
Wash
Ultrasonic cleaning is not recommended
Pin Connections
Suggested Pad Layout
Keep Out Area
Output Waveform
Package Outline
Test Circuit
Solder Profile
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
.330 max
(8.382mm)
.330 max
(8.382mm)
Dimensional Tolerance:
±.005 (.127mm)
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 300 cycles, 10 minute dwell, 1 minute
transition.
MECH ANICAL CHAR ACTERI STICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15 minute cycles, 12 times each
perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition F. 1500G’s, 1.0ms, half sine, 3 shocks per direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com