Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1024AMD Datasheet(PDF) 2 Page - Linear Technology

Part # LT1024AMD
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024AMD Datasheet(HTML) 2 Page - Linear Technology

  LT1024AMD Datasheet HTML 1Page - Linear Technology LT1024AMD Datasheet HTML 2Page - Linear Technology LT1024AMD Datasheet HTML 3Page - Linear Technology LT1024AMD Datasheet HTML 4Page - Linear Technology LT1024AMD Datasheet HTML 5Page - Linear Technology LT1024AMD Datasheet HTML 6Page - Linear Technology LT1024AMD Datasheet HTML 7Page - Linear Technology LT1024AMD Datasheet HTML 8Page - Linear Technology LT1024AMD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1024
1024fa
ORDER
PART NUMBER
LT1024ACN
LT1024CN
NOTE: DEVICE MAY BE OPERATED EVEN IF
INSERTION IS REVERSED; THIS IS DUE
TO INHERENT SYMMETRY OF PIN LOCATIONS
OF AMPLIFIERS A AND B (NOTE 3)
D PACKAGE
14-PIN SIDE BRAZED (HERMETIC)
TJMAX = 150°C, θJA = 100°C/W, θJC = 60°C/W (D)
N PACKAGE
14-PIN PDIP
TJMAX = 100°C, θJA = 100°C/W, θJC = 60°C/W (N)
1
2
3
4
5
6
7
TOP VIEW
14
13
12
11
10
9
8
NULL (A)
NULL (A)
–IN (A)
+IN (A)
V(B)
OUT (B)
V+ (B)
V+ (A)
OUT (A)
V (A)
+IN (B)
–IN (B)
NULL (B)
NULL (B)
+
+
A
B
ORDER
PART NUMBER
LT1024AMD
LT1024MD
Supply Voltage ...................................................... ±20V
Differential Input Current (Note 2) ...................... ±10mA
Input Voltage ......................................................... ±20V
Output Short Circuit Duration .......................... Indefinite
Operating Temperature Range
LT1024AM/LT1024M (OBSOLETE).....– 55°C to 125°C
LT1024AC/LT1024C ................................ 0°C to 70°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the N14 Package as an Alternate Source
LT1O24AM/LT1O24AC
LT1024M/LT1O24C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
15
50
20
100
µV
Long Term Input Offset Voltage Stability
0.3
0.3
µV/month
IOS
Input Offset Current
20
100
25
180
pA
IB
Input Bias Current
±25
±120
±30
±200
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
µVP-P
en
Input Noise Voltage Density
fO = 10Hz (Note 4)
17
33
17
33
nV/√Hz
fO = 1000Hz (Note 4)
14
24
14
24
nV/√Hz
in
Input Noise Current Density
fO = 10Hz
20
20
fA/√Hz
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10kΩ
250
2000
180
2000
V/mV
VOUT = ±10V, RL ≥ 2kΩ
150
1000
100
1000
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
112
132
108
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±20V
112
132
108
132
dB
Input Voltage Range
±13.5
±14.0
±13.5
±14.0
V
VOUT
Output Voltage Swing
RL = 10kΩ
±13
±14
±13
±14
V
Slew Rate
0.1
0.2
0.1
0.2
V/µs
IS
Supply Current per Amplifier
380
600
380
700
µA
Individual Amplifiers. VS = ±15V, VCM = 0V, TA = 25°C unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com