Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1024 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1024
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024 Datasheet(HTML) 4 Page - Linear Technology

  LT1024 Datasheet HTML 1Page - Linear Technology LT1024 Datasheet HTML 2Page - Linear Technology LT1024 Datasheet HTML 3Page - Linear Technology LT1024 Datasheet HTML 4Page - Linear Technology LT1024 Datasheet HTML 5Page - Linear Technology LT1024 Datasheet HTML 6Page - Linear Technology LT1024 Datasheet HTML 7Page - Linear Technology LT1024 Datasheet HTML 8Page - Linear Technology LT1024 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1024
1024fa
LT1024AM/LT1024AC
LT1024M/LT1024C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage Match
0°C to 70°C
35
170
45
300
µV
–55°C to 125°C
50
280
70
500
µV
Input Offset Voltage Tracking
0.3
2
0.4
3.5
µV/°C
IB+
Average Noninverting Bias Current
0°C to 70°C
±40
±300
±50
±500
pA
–55°C to 125°C
±100
±800
±200
±1400
pA
IOS
+
Noninverting Offset Current
0°C to 70°C
40
300
50
500
pA
–55°C to 125°C
80
800
150
1500
pA
∆CMRR
Common Mode Rejection Ratio Match VCM = ±13.5V
106
128
104
128
dB
∆PSRR
Power Supply Rejection Ratio Match
VS = ±2.5V to ±18V
106
128
104
128
dB
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless limiting
resistance is used.
Note 3: The V+ supply terminals are completely independent and may be
powered by separate supplies if desired (this approach, however, would
sacrifice the advantages of the power supply rejection ratio matching). The
Vsupply terminals are both connected to the common substrate and
must be tied to the same voltage. Both Vpins should be used.
Note 4: This parameter is tested on a sample basis only.
Optional Offset Nulling Circuit
Offset Voltage vs Source
Resistance (Balanced or Unbalanced)
Input Offset Current vs
Temperature
14 (7)
5k TO 100k
POT
2(9)
1(8)
13
(6)
OUTPUT
INPUT OFFSET VOLTAGE CAN BE ADJUSTED
OVER A ±800µV RANGE WITH A 5k TO
100k POTENTIOMETER
1/2
LT1024
+
3
4
(10)
(11)
12 (5)
V–
V+
LT1024 • EC01
SOURCE RESISTANCE (
Ω)
1k
1
100
1000
100k
10k
300k 1M
3M 10M
30k
3k
10
LT1024 • TPC01
25
°C
–55
°C TO 125°C
VS = ±15V
–50
40
50
60
25
75
30
20
–25
0
50
100
125
10
0
TEMPERATURE (°C)
LT1024 • TPC02
VS = ±15V
VCM = 0V
Matching Specifications. The denotes the specifications which apply over
the temperature range of 0°C ≤ TA = 70°C for the LT1024AC and LT1024C; – 55°C ≤ TA ≤ 125°C for the LT1024AM and LT1024M,
VS = ±15V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com