Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1057 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1057
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1057_1 Datasheet HTML 7Page - Linear Technology LT1057_1 Datasheet HTML 8Page - Linear Technology LT1057_1 Datasheet HTML 9Page - Linear Technology LT1057_1 Datasheet HTML 10Page - Linear Technology LT1057_1 Datasheet HTML 11Page - Linear Technology LT1057_1 Datasheet HTML 12Page - Linear Technology LT1057_1 Datasheet HTML 13Page - Linear Technology LT1057_1 Datasheet HTML 14Page - Linear Technology LT1057_1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1057/LT1058
11
10578fc
TYPICAL APPLICATIONS
Fast, Precision Bridge Amplifier
Analog Divider
–
+
1k
INPUT
SLEW RATE = 14V/μs
OUTPUT CURRENT TO LOAD = 150mA
LOAD CAPACITANCE: UP TO 1μF
330pF
10k
1/2
LT1057
LT1010
LT1010
–
+
330pF
1/2
LT1057
RLOAD
10k
10578 TA05
20k
1k
–5V
LTC1043
0.001
POLYSTYRENE
LT1004
1.2V
1μF
5V
–5V
OUTPUT =
10578 TA06
–
+
1/2
LT1057
6
1μF
5
2
80.6k*
A
B
LTC1043
B INPUT
7
8
13
14
12
11
16
–
+
1/2
LT1057
1μF
30pF
1μF
22k
330k
2N2907
* 1% FILM
A INPUT
–5V
75k*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com