Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1055MH Datasheet(PDF) 14 Page - Linear Technology

Part # LT1055MH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055MH Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1055MH Datasheet HTML 8Page - Linear Technology LT1055MH Datasheet HTML 9Page - Linear Technology LT1055MH Datasheet HTML 10Page - Linear Technology LT1055MH Datasheet HTML 11Page - Linear Technology LT1055MH Datasheet HTML 12Page - Linear Technology LT1055MH Datasheet HTML 13Page - Linear Technology LT1055MH Datasheet HTML 14Page - Linear Technology LT1055MH Datasheet HTML 15Page - Linear Technology LT1055MH Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1055/LT1056
10556fc
1
3
2
NULL
5
7
6
OUTPUT
NULL
–INPUT
+INPUT
7k
7k
J6
J7
J4
J3
J8
J5
J1
J2
Q7
Q3
Q4
Q8
Q9
Q2
Q1
Q14
Q12
Q11
Q10
Q13
Q15
Q16
400
µA*
(1100)
Q5
7.5pF
300
Ω
50
Ω
3k
V+
4 V –
20
Ω
200
Ω
800
µA*
(1000)
120
µA*
(160)
120
µA*
(160)
8k
14k
14k
9pF
*CURRENTS AS SHOWN FOR LT1055. (X) = CURRENTS FOR LT1056.
LT1055/56 SCHM
SCHE ATIC
SI PLIFIED
TYPICAL APPLICATIO S
–
+
15V
–15V
7
4
3
2
6
LT1056
OUTPUT
0V TO 10V
CF = 15pF TO 33pF
SETTLING TIME TO 2mV
(0.8 LSB) = 1.5
µs TO 2µs
0 TO 2
OR 4mA
12-BIT CURRENT OUTPUT D/A
CONVERTER (e.g., 6012,565
OR DAC-80)
CF
LT1055/56 TA09
12-Bit Voltage Output D/A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com