Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1070HVCK Datasheet(PDF) 12 Page - Linear Technology

Part # LT1070HVCK
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070HVCK Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1070HVCK Datasheet HTML 4Page - Linear Technology LT1070HVCK Datasheet HTML 5Page - Linear Technology LT1070HVCK Datasheet HTML 6Page - Linear Technology LT1070HVCK Datasheet HTML 7Page - Linear Technology LT1070HVCK Datasheet HTML 8Page - Linear Technology LT1070HVCK Datasheet HTML 9Page - Linear Technology LT1070HVCK Datasheet HTML 10Page - Linear Technology LT1070HVCK Datasheet HTML 11Page - Linear Technology LT1070HVCK Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1070/LT1071
10701fe
LT/CPI 0202 1.5K REV E • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1989
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1076
High Voltage Switching Regulators
40V Input (60V for HV Versions), 100kHz, 5A and 2A
LT1170/LT1171/
100kHz High Efficiency Switching Regulators
40V Input (65V for HV Versions), 5A/2.5A/1.25A Internal Switch
LT1172
LT1370/LT1371
500kHz High Efficiency Switching Regulators
35V, 6A/3A Internal Switch
LT1374/LT1376
100kHz High Efficiency Switching Regulators
25V Input, 4.5A/1.5A Internal Switch
LT1765
1.25MHz, 3A, Step-Down Regulator
25V Input, TSSOP-16E, SO8 Package
Forward Converter
Totally Isolated Converter
1070/71 TA07
R4
1.5k
5k
500
Ω
N = 0.875 = 7:8
FOR VOUT = 15V
*REQUIRED IF INPUT LEADS
≥ 2"
R2
SECONDARY VOLTAGE
0V
VOUT
tOFF
tON
≈16V
(N)(VIN)
C2
0.01
µF
C5*
100
µF
VIN
5V
VSW
VC
VIN
LT1070/LT1071
GND
FB
+
C3
0.47
µF
N
D1
1:N
•
•
N
+
L1
10
µF
L2
10
µF
15V
COM
+
C4
500
µF
C1
500
µF
+
+
C6
200
µF
C5
200
µF
OPTIONAL
OUTPUT FILTER
+
–15V
SWITCH VOLTAGE
VF
(DIODE FORWARD VOLTAGE)
0V
VIN
+
R3
R6
330
Ω
R5
1
Ω
Q1
C3
C4
VSW
L1
70
µH
•
•
•
VIN
C2
D3
C1
2000
µF
D1
VOUT
5V
6A
R4
T1
LT1070
GND
VC
FB
VIN
20V TO 30V
D4
IM
N
D2
1070/71 TA18
R1
3.74k
R2
1.24k
TYPICAL APPLICATIONS (Note that maximum output currents are divided by 2 for the LT1071)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com