Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1057 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1057
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1057 Datasheet HTML 8Page - Linear Technology LT1057 Datasheet HTML 9Page - Linear Technology LT1057 Datasheet HTML 10Page - Linear Technology LT1057 Datasheet HTML 11Page - Linear Technology LT1057 Datasheet HTML 12Page - Linear Technology LT1057 Datasheet HTML 13Page - Linear Technology LT1057 Datasheet HTML 14Page - Linear Technology LT1057 Datasheet HTML 15Page - Linear Technology LT1057 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1057/LT1058
13
10578fc
TYPICAL APPLICATIONS
Instrumentation Amplifier with Shield Driver
100dB Range Logarithmic Photodiode Amplifier
–
+
–
+
–
+
–
+
+
–
10578 TA09
1/4
LT1058
1/4
LT1058
1/4
LT1058
1/4
LT1058
RF
9.1k
RG
1k
15V
–15V
11
OUTPUT
GAIN = 10(1+RF/RG) 100
IB = 5pA
RIN = 10
12
BW = 350kHz
7
10
9
4
5
6
3
1
8
GUARD
INPUT
GUARD
2
13
12
14
RG
1k
RF
9.1k
1k
1k
10k
10k
+
–
+
–
10578 TA10
1/2
LT1057
1/2
LT1057
–
+
LM301A
50k*
10k*
OUT
IN
15V
2k
15
13
14
33Ω
7
8
9
15V
LIGHT (900μM)
1MW
100μW
10μW
1μW
100nW
10nW
CIRCUIT OUTPUT
10.0V
7.85V
5.70V
3.55V
1.40V
–0.75V
RESPONSE DATA
DIODE CURRENT
350μA
35μA
3.5μA
350nA
35nA
3.5nA
2k
IP
750k*
EOUT
1M
1M
FULL-SCALE
TRIM
50k
DARK
TRIM
10k*
LT1021-10V
3k
Q5
10
12
11
6Q4
500pF
4
5
0.01μF
0.033μF
Q2
3
2
1
Q3
Q1
= HP-5082-4204 PIN PHOTODIODE.
Q1–Q5 = CA3096.
CONNECT SUBSTRATE OF CA3096
ARRAY TO Q4’s EMITTER.
*1% RESISTOR
100dB RANGE LOGARITHMIC PHOTODIODE AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com