Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1077AMH Datasheet(PDF) 5 Page - Linear Technology

Part # LT1077AMH
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077AMH Datasheet(HTML) 5 Page - Linear Technology

  LT1077AMH Datasheet HTML 1Page - Linear Technology LT1077AMH Datasheet HTML 2Page - Linear Technology LT1077AMH Datasheet HTML 3Page - Linear Technology LT1077AMH Datasheet HTML 4Page - Linear Technology LT1077AMH Datasheet HTML 5Page - Linear Technology LT1077AMH Datasheet HTML 6Page - Linear Technology LT1077AMH Datasheet HTML 7Page - Linear Technology LT1077AMH Datasheet HTML 8Page - Linear Technology LT1077AMH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1077
1077fa
LT1077AM/AI
LT1077M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
60
330
75
450
µV
∆VOS/∆T
Input Offset Voltage Drift
LT1077IS8 (Note 6)
●
1.1
3
µV/°C
IOS
Input Offset Current
●
0.08
0.60
0.08
0.80
nA
IB
Input Bias Current
●
811
8
13
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
●
300
1000
250
1000
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –14.9V
●
94
107
90
106
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
●
100
118
97
116
dB
Maximum Output Voltage Swing
RL = 5k
●
±11
±13.5
±11
±13.5
V
IS
Supply Current
●
60
95
60
105
µA
The ● denotes the specifications which apply over the temperature range of
–55°C ≤ TA ≤ 125°C for AM/M grades, – 40°C ≤ TA ≤ 85°C for AI/I grades. VS = ±15V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1077AC
LT1077C/S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
40
230
50
320
µV
LT1077S8
●
65
450
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
●
0.4
1.8
0.5
2.5
µV/°C
LT1077S8 (Note 6)
●
0.8
3.5
µV/°C
IOS
Input Offset Current
●
0.07
0.45
0.07
0.60
nA
IB
Input Bias Current
●
710
7
12
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
●
500
2000
400
2000
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –15V
●
97
108
94
107
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
●
103
120
100
118
dB
Maximum Output Voltage Swing
RL = 5k
●
±11
±13.6
±11
±13.6
V
IS
Supply Current
●
59
85
59
95
µA
The ● denotes the specifications which apply over the temperature range of 0°C ≤ TA ≤ 70°C.
VS = ±15V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impared.
Note 2: Slew rate at 5V, 0V is guaranteed by inference from the slew rate
measurement at ±15V.
Note 3: This parameter is tested on a sample basis only. All noise
parameters are tested with VS = ± 2.5V, VO = 0V.
Note 4: This parameter is guaranteed by design and is not tested.
Note 5: Power supply rejection ratio is measured at the minimum supply
voltage. The op amps actually work at 1.8V supply but with a typical offset
skew of – 300µV.
Note 6: This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com