Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1071CK Datasheet(PDF) 2 Page - Linear Technology

Part # LT1071CK
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1071CK Datasheet(HTML) 2 Page - Linear Technology

  LT1071CK Datasheet HTML 1Page - Linear Technology LT1071CK Datasheet HTML 2Page - Linear Technology LT1071CK Datasheet HTML 3Page - Linear Technology LT1071CK Datasheet HTML 4Page - Linear Technology LT1071CK Datasheet HTML 5Page - Linear Technology LT1071CK Datasheet HTML 6Page - Linear Technology LT1071CK Datasheet HTML 7Page - Linear Technology LT1071CK Datasheet HTML 8Page - Linear Technology LT1071CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1070/LT1071
10701fe
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin, VC = 0.8V
1.224
1.244
1.264
V
q
1.214
1.244
1.274
V
IB
Feedback Input Current
VFB = VREF
350
750
nA
q
1100
nA
gm
Error Amplifier Transconductance
∆IC = ±25µA
3000
4400
6000
µmho
q
2400
7000
µmho
Error Amplifier Source or Sink Current
VC = 1.5V
150
200
350
µA
q
120
400
µA
Error Amplifier Clamp Voltage
Hi Clamp, VFB = 1V
1.80
2.30
V
Lo Clamp, VFB = 1.5V
0.25
0.38
0.52
V
Reference Voltage Line Regulation
3V
≤ VIN ≤ VMAX, VC = 0.8V
q
0.03
%/V
AV
Error Amplifier Voltage Gain
0.9V
≤ VC ≤ 1.4V
500
800
V/V
Minimum Input Voltage
q
2.6
3.0
V
IQ
Supply Current
3V
≤ VIN ≤ VMAX, VC = 0.6V
6
9
mA
Control Pin Threshold
Duty Cycle = 0
0.8
0.9
1.08
V
q
0.6
1.25
V
Normal/Flyback Threshold on Feedback Pin
0.4
0.45
0.54
V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
LT1070/LT1071 (Note 2) .................................... 40V
LT1070HV/LT1071HV (Note 2) .......................... 60V
Switch Output Voltage
LT1070/LT1071 .................................................. 65V
LT1070HV/LT1071HV ........................................ 75V
Feedback Pin Voltage (Transient, 1ms) ................
±15V
Operating Junction Temperature Range
Commercial (Operating) ....................... 0
°C to 100°C
Commercial (Short Circuit)................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Military (OBSOLETE) ................. –55
°C to 150°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1070CK
LT1070HVCK
LT1070HVMK
LT1070IK
LT1070MK
LT1071CK
LT1071HVCK
LT1071HVMK
LT1071MK
ORDER PART
NUMBER
LT1070CT
LT1070HVCT
LT1070HVIT
LT1070IT
LT1071CT
LT1071HVCT
LT1071HVIT
LT1071IT
TJMAX = 100°C, θJA = 35°C/ W, QJC = 2°C (LT1070C, I)
TJMAX = 150°C, θJA = 35°C/ W, QJC = 2°C (LT1070M)
TJMAX = 100°C, θJA = 35°C/ W, QJC = 4°C (LT1071C, I)
TJMAX = 150°C, θJA = 35°C/ W, QJC = 4°C (LT1071M)
2
4
1
3
VSW
VC
FB
CASE
IS GND
VIN
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
TJMAX = 100°C, θJA = 75°C/ W, QJC = 2°C (LT1070C, I)
TJMAX = 100°C, θJA = 75°C/ W, QJC = 4°C (LT1071C)
T PACKAGE
5-LEAD PLASTIC TO-220
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
ELECTRICAL CHARACTERISTICS
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the T5 Package for Alternate Source
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.5V, VFB = VREF, output pin open unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com