Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9261 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM9261_09 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
6062KS–ATARM–15-Jan-09
AT91SAM9261 Preliminary
3.
Reprogram the SMC setup, cycle, hold, mode timings registers for CS0 to adapt them
to the new clock
4.
Switch the main clock to the new value.
8.1.3
ETM
™ Memories
The eight ETM9 Medium+ memory map decoder inputs are connected to custom address
decoders and the resulting memory mapping is summarized in Table 8-6.
8.2
External Memories
The external memories are accessed through the External Bus Interface (Bus Matrix Slave 3).
Refer to the memory map in Figure 8-1 on page 16.
Table 8-6.
ETM9 Memory Mapping
Product Resource
Area
Access Type
Start Address
End Address
SRAM
Internal
Data
0x0000 0000
0x002F FFFF
SRAM
Internal
Fetch
0x0000 0000
0x002F FFFF
ROM
Internal
Data
0x0040 0000
0x004F FFFF
ROM
Internal
Fetch
0x0040 0000
0x004F FFFF
External Bus Interface
External
Data
0x1000 0000
0x8FFF FFFF
External Bus Interface
External
Fetch
0x1000 0000
0x8FFF FFFF
User Peripherals
Internal
Data
0xF000 0000
0xFFFF BFFF
System Peripherals
Internal
Data
0xFFFF C000
0xFFFF FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com