Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1072CT Datasheet(PDF) 7 Page - Linear Technology

Part # LT1072CT
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CT Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1072CT Datasheet HTML 3Page - Linear Technology LT1072CT Datasheet HTML 4Page - Linear Technology LT1072CT Datasheet HTML 5Page - Linear Technology LT1072CT Datasheet HTML 6Page - Linear Technology LT1072CT Datasheet HTML 7Page - Linear Technology LT1072CT Datasheet HTML 8Page - Linear Technology LT1072CT Datasheet HTML 9Page - Linear Technology LT1072CT Datasheet HTML 10Page - Linear Technology LT1072CT Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1072
1072fc
The LT1072 is a current mode switcher. This means that
switch duty cycle is directly controlled by switch current
rather than by output voltage. Referring to the block
diagram, the switch is turned “on” at the start of each
oscillator cycle. It is turned “off” when switch current
reaches a predetermined level. Control of output voltage is
obtained by using the output of a voltage sensing error
amplifier to set current trip level. This technique has
several advantages. First, it has immediate response to
input voltage variations, unlike ordinary switchers which
have notoriously poor line transient response. Second, it
reduces the 90 phase shift at midfrequencies in the energy
storage inductor. This greatly simplifies closed loop fre-
quency compensation under widely varying input voltage
or output load conditions. Finally, it allows simple pulse-
by-pulse current limiting to provide maximum switch
protection under output overload or short conditions. A
low-dropout internal regulator provides a 2.3V supply for
all internal circuitry on the LT1072. This low-dropout
design allows input voltage to vary from 3V to 60V with
virtually no change in device performance. A 40kHz
oscillator is the basic clock for all internal timing. It turns
“on” the output switch via the logic and driver circuitry.
Special adaptive antisat circuitry detects onset of
saturation in the power switch and adjusts driver current
instantaneously to limit switch saturation. This minimizes
driver dissipation and provides very rapid turn-off of
the switch.
A 1.2V bandgap reference biases the positive input of the
error amplifier. The negative input is brought out for
output voltage sensing. This feedback pin has a second
function; when pulled low with an external resistor, it
programs the LT1072 to disconnect the main error
amplifier output and connects the output of the flyback
amplifier to the comparator input. The LT1072 will then
regulate the value of the flyback pulse with respect to the
supply voltage. This flyback pulse is directly proportional
to output voltage in the traditional transformer coupled
flyback topology regulator. By regulating the amplitude of
the flyback pulse, the output voltage can be regulated with
no direct connection between input and output. The output
is fully floating up to the breakdown voltage of the
transformer windings. Multiple floating outputs are easily
obtained with additional windings. A special delay network
inside the LT1072 ignores the leakage inductance spike at
the leading edge of the flyback pulse to improve output
regulation.
The error signal developed at the comparator input is
brought out externally. This pin (VC) has four different
functions. It is used for frequency compensation, current
limit adjustment, soft starting, and total regulator
shutdown. During normal regulator operation this pin sits
at a voltage between 0.9V (low output current) and 2.0V
(high output current). The error amplifiers are current
output (gm) types, so this voltage can be externally
clamped for adjusting current limit. Likewise, a capacitor
coupled external clamp will provide soft start. Switch duty
cycle goes to zero if the VC pin is pulled to ground through
a diode, placing the LT1072 in an idle mode. Pulling the VC
pin below 0.15V causes total regulator shutdown, with
only 50µA supply current for shutdown circuitry biasing.
See AN-19 for full application details.
Extra Pins on the MiniDIP and Surface Mount Packages
The 8 and 16-pin versions of the LT1072 have the emitters
of the power transistor brought out separately from the
ground pin. This eliminates errors due to ground pin
voltage drops and allows the user to reduce switch current
limit 2:1 by leaving the second emitter (E2) disconnected.
The first emitter (E1) should always be connected to the
ground pin. Note that switch “on” resistance doubles
when E2 is left open, so efficiency will suffer somewhat
when switch currents exceed 100mA. Also, note that chip
dissipation will actually
increase with E2 open during
normal load operation, even though dissipation in current
limit mode will
decrease. See “Thermal Considerations.”
Thermal Considerations When Using Small Packages
The low supply current and high switch efficiency of the
LT1072 allow it to be used without a heat sink in most
applications when the TO-220 or TO-3 package is selected.
These packages are rated at 50°C/W and 35°C/W
respectively. The small packages, however, are rated at
greater than 100°C/W. Care should be taken with these
packages to ensure that the worse case input voltage and
load current conditions do not cause excessive die
temperatures. The following formulas can be used as a
LT1072 OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com