Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CH Datasheet(PDF) 1 Page - Linear Technology

Part # LT1007CH
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007CH Datasheet(HTML) 1 Page - Linear Technology

  LT1007CH Datasheet HTML 1Page - Linear Technology LT1007CH Datasheet HTML 2Page - Linear Technology LT1007CH Datasheet HTML 3Page - Linear Technology LT1007CH Datasheet HTML 4Page - Linear Technology LT1007CH Datasheet HTML 5Page - Linear Technology LT1007CH Datasheet HTML 6Page - Linear Technology LT1007CH Datasheet HTML 7Page - Linear Technology LT1007CH Datasheet HTML 8Page - Linear Technology LT1007CH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1007/LT1037
sn100737 100737fbs
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Low Noise, High Speed
Precision Operational Amplifiers
s
Guaranteed 4.5nV/
√Hz 10Hz Noise
s
Guaranteed 3.8nV/
√Hz 1kHz Noise
s
0.1Hz to 10Hz Noise, 60nVP-P Typical
s
Guaranteed 7 Million Min Voltage Gain, RL = 2k
s
Guaranteed 3 Million Min Voltage Gain, RL = 600Ω
s
Guaranteed 25
µV Max Offset Voltage
s
Guaranteed 0.6
µV/°C Max Drift with Temperature
s
Guaranteed 11V/
µs Min Slew Rate (LT1037)
s
Guaranteed 117dB Min CMRR
The LT
®1007/LT1037 series features the lowest noise
performance available to date for monolithic operational
amplifiers: 2.5nV/
√Hzwidebandnoise(lessthanthenoiseof
a 400
Ωresistor),1/fcornerfrequencyof2Hzand60nVpeak-
to-peak 0.1Hz to 10Hz noise. Low noise is combined with
outstanding precision and speed specifications: 10
µV offset
voltage, 0.2
µV/°C drift, 130dB common mode and power
supply rejection, and 60MHz gain bandwidth product on the
decompensated LT1037, which is stable for closed-loop
gains of 5 or greater.
The voltage gain of the LT1007/LT1037 is an extremely high
20 million driving a 2k
Ω load and 12 million driving a 600Ω
load to
±10V.
In the design, processing and testing of the device, particular
attention has been paid to the optimization of the entire
distribution of several key parameters. Consequently, the
specifications of even the lowest cost grades (the LT1007C
and the LT1037C) have been spectacularly improved com-
pared to equivalent grades of competing amplifiers.
The sine wave generator application shown below utilizes the
low noise and low distortion characteristics of the LT1037.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Ultrapure 1kHz Sine Wave Generator
TIME (SEC)
02
4
6
8
10
1007/37 TA02
s
Low Noise Signal Processing
s
Microvolt Accuracy Threshold Detection
s
Strain Gauge Amplifiers
s
Direct Coupled Audio Gain Stages
s
Sine Wave Generators
s
Tape Head Preamplifiers
s
Microphone Preamplifiers
1007/37 TA01
430
Ω
OUTPUT
C
CR
R
6
2
3
#327 LAMP
LT1037
f =
1
2
πRC
R = 1591.5
Ω ±0.1%
C = 0.1
µF ±0.1%
TOTAL HARMONIC DISTORTION = < 0.0025%
NOISE = < 0.0001%
AMPLITUDE =
±8V
OUTPUT FREQUENCY = 1.000kHz FOR VALUES GIVEN
±0.4%
0.1Hz to 10Hz Noise


Similar Part No. - LT1007CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1007CH LINER-LT1007CH Datasheet
365Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
More results

Similar Description - LT1007CH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27GU TI-OP27GU Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com