Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1070CT Datasheet(PDF) 6 Page - Linear Technology

Part # LT1070CT
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070CT Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1070CT Datasheet HTML 2Page - Linear Technology LT1070CT Datasheet HTML 3Page - Linear Technology LT1070CT Datasheet HTML 4Page - Linear Technology LT1070CT Datasheet HTML 5Page - Linear Technology LT1070CT Datasheet HTML 6Page - Linear Technology LT1070CT Datasheet HTML 7Page - Linear Technology LT1070CT Datasheet HTML 8Page - Linear Technology LT1070CT Datasheet HTML 9Page - Linear Technology LT1070CT Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1070/LT1071
10701fe
TYPICAL PERFORMANCE CHARACTERISTICS
voltage is obtained by using the output of a voltage
sensing error amplifier to set current trip level. This
technique has several advantages. First, it has immediate
response to input voltage variations, unlike ordinary
switchers which have notoriously poor line transient
response. Second, it reduces the 90
° phase shift at
The LT1070/LT1071 is a current mode switcher. This
means that switch duty cycle is directly controlled by
switch current rather than by output voltage. Referring to
the Block Diagram, the switch is turned “on” at the start
of each oscillator cycle. It is turned “off” when switch
current reaches a predetermined level. Control of output
OPERATION
Switch “Off” Characteristics
SWITCH VOLTAGE (V)
0
600
800
1000
80
1070/71 G19
400
200
500
700
900
300
100
0
20
40
60
10
90
30
50
70
100
VSUPPLY =
3V
15V
40V
55V
FREQUENCY (Hz)
1000
3000
4000
6000
7000
1k
100k
1M
10M
1070/71 G21
–1000
10k
5000
2000
0
150
90
θ
60
0
–30
210
30
120
180
gm
Transconductance of Error
Amplifier
VC Pin Characteristics
VC PIN VOLTAGE (V)
0
– 400
– 300
– 200
–100
300
100
0.5
1.0
200
0
1.5
2.0
2.5
1070/71 G20
VFB = 1.5V
(CURRENT INTO
VC PIN)
VFB = 0.8V
(CURRENT OUT OF VC PIN)
TJ = 25°C
BLOCK DIAGRAM
–
+
ERROR
AMP
CURRENT
AMP
0.02
Ω
(0.04
Ω LT1071)
SHUTDOWN
CIRCUIT
MODE
SELECT
40kHz
OSC
LOGIC
DRIVER
ANTISAT
16V
5A, 75V
SWITCH
VIN
FB
VC
COMP
GAIN
≈ 6
0.15V
1070/71 BD
1.24V
REF
2.3V
REG
FLYBACK
ERROR
AMP
SWITCH
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com