Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1498 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1498
Description  10MHz, 6V/關s Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498 Datasheet(HTML) 1 Page - Linear Technology

  RH1498 Datasheet HTML 1Page - Linear Technology RH1498 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
RH1498
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
OUTPUT A
–INA
+INA
V–
+INB
–INB
OUTPUT B
V+
.
8
3
2
6
4
DIE CROSS REFERENCE
LTC Finished
Part Number
Order DICE CANDIDATE
Part Number Below
RH1498
RH1498
RH1498DICE
RH1498DWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
10MHz, 6V/µs Rail-to-Rail
Input and Output Precision
C-Load Op Amp
DICE/DWF ELECTRICAL TEST LIMITS (Pre-Irradiation) V
S = ±15V; VCM = VOUT = 0V, TA = 25°C, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+, V–
800
µV
Input Offset Voltage Match (Channel-to-Channel) (Note 1) VCM = V
+ to V–
1400
µV
IB
Input Bias Current
VCM = V
+
VCM = V
–
0
–715
715
0
nA
nA
Input Bias Current Match (Channel-to-Channel) (Note 1)
VCM = V
+, V–
0
120
nA
IOS
Input Offset Current
VCM = V
+, V–
70
nA
AVOL
Large-Signal Voltage Gain
VO = –14.5V to 14.5V, R1 = 10k
VO = –10V to 10V, R1 = 2k
1000
500
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
+ to V–
90
dB
CMRR Match (Channel-to-Channel) (Note 1)
VCM = V
+ to V–
84
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±16V
90
dB
PSRR Match (Channel-to-Channel) (Note 1)
VS = ±2V to ±16V
83
dB
VOL
Output Voltage Swing (Low)
(Note 2)
No Load
ISINK = 1mA
ISINK = 10mA
30
100
500
mV
mV
mV
7
5
1
117mils
× 82mils,
12mils thick.
Backside (substrate) is an alloyed gold layer.
Connect backside to V+.


Similar Part No. - RH1498

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1498 LINER-RH1498 Datasheet
371Kb / 2P
10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M Datasheet
103Kb / 8P
10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M Datasheet
132Kb / 8P
10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
logo
Analog Devices
RH1498M AD-RH1498M Datasheet
360Kb / 8P
10MHz, 6V/μs, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
Rev G
logo
Linear Technology
RH1498M LINER-RH1498M_15 Datasheet
132Kb / 8P
10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
More results

Similar Description - RH1498

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1498 LINER-LT1498 Datasheet
377Kb / 16P
10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
RH1498M LINER-RH1498M Datasheet
103Kb / 8P
10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M Datasheet
98Kb / 8P
10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498 LINER-RH1498_15 Datasheet
371Kb / 2P
10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M_15 Datasheet
132Kb / 8P
10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M_15 Datasheet
151Kb / 8P
10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1498 LINER-LT1498_15 Datasheet
291Kb / 24P
10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1499 LINER-LT1499_15 Datasheet
291Kb / 24P
10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com