Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1498M Datasheet(PDF) 6 Page - Linear Technology

Part # RH1498M
Description  10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498M Datasheet(HTML) 6 Page - Linear Technology

  RH1498M Datasheet HTML 1Page - Linear Technology RH1498M Datasheet HTML 2Page - Linear Technology RH1498M Datasheet HTML 3Page - Linear Technology RH1498M Datasheet HTML 4Page - Linear Technology RH1498M Datasheet HTML 5Page - Linear Technology RH1498M Datasheet HTML 6Page - Linear Technology RH1498M Datasheet HTML 7Page - Linear Technology RH1498M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RH1498M
6
rh1498mfc
TABLE 2: ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5,6
Group A Test Requirements (Method 5005)
1,2,3,4,5,6
Group B and D for Class S, and
End Point Electrical Parameters (Method 5005)
1,2,3
*PDA applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883. The verified failures of group A, subgroup 1, after
burn-in divided by the total number of devices submitted for burn-in in
that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TOTAL DOSE BIAS CIRCUIT
15V
–15V
5k
8V
RH1498 TC
+
–
5k
40pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com