Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH07 Datasheet(PDF) 2 Page - Linear Technology

Part # RH07
Description  Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH07 Datasheet(HTML) 2 Page - Linear Technology

  RH07 Datasheet HTML 1Page - Linear Technology RH07 Datasheet HTML 2Page - Linear Technology RH07 Datasheet HTML 3Page - Linear Technology RH07 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RH07
TABLE 1: ELECTRICAL CHARACTERISTICS (Pre-Irradiation) (Note 5)
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VOS
Input Offset Voltage
1
75
4
200
2,3
µV
∆VOS
Avg Input Offset Voltage Drift:
∆Temp
Without External Trim
3
1.3
µV/°C
With External Trim
Null Pot = 20k
Ω
3
1.3
µV/°C
∆V
OS
Long-Term Input Offset
2,3
1
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
2.8
1
5.6
2,3
nA
∆I
OS
Avg Input Bias Current Drift
3
50
pA/
°C
∆Temp
IB
Input Bias Current
± 31
± 6
2,3
nA
∆IB
Avg Input Bias Current Drift
3
50
pA/
°C
∆Temp
en
Input Noise Voltage
0.1Hz to 10Hz
3
0.6
µVP-P
Input Noise Voltage Density
fO = 10Hz
4
18
nV/
√Hz
fO = 100Hz
3
13
nV/
√Hz
fO = 1000Hz
3
11
nV/
√Hz
in
Input Noise Current
0.1Hz to 10Hz
3
30
pAP-P
Input Noise Current Density
fO = 10Hz
3
0.80
pA/
√Hz
fO = 100Hz
3
0.23
pA/
√Hz
fO = 1000Hz
3
0.17
pA/
√Hz
RIN
Input Resistance:
Differential Mode
3
20
M
Ω
Common Mode
200
G
Ω
Input Voltage Range
3
±13.5
±13.5
V
CMRR
Common-Mode
VCM = ±13V
110
1
106
2,3
dB
Rejection Ratio
PSRR
Power Supply Rejection Ratio VS = ±3V to ±18V
100
1
94
2,3
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
200
4
150
5,6
V/mV
RL ≥ 500Ω, VO = ±0.5V
3
150
V/mV
VS = ±3V
VOUT
Maximum Output
RL ≥ 10k
±12.5
4
Voltage Swing
RL ≥ 2k
±12.0
4
±12.0
5,6
RL ≥ 1k
±10.5
4
SR
Slew Rate
RL ≥ 2k
3
0.1
V/
µs
GBW
Closed-Loop Bandwidth
AVCL = 1
3
0.4
MHz
PD
Power Dissipation
VS = ±15V
120
1
mW
VS = ±3V
6
1
mW
–55
°C ≤ TA ≤ 125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com