Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1016M
Description  UltraFast??Precision 10ns Comparator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 1 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
RH1016
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
56mils
× 58mils
Backside Connection is V–
DIE CROSS REFERENCE
LTC Finished
Part Number
Order
Part Number
RH1016M
RH1016M
RH1016 DICE
RH1016 DWF*
*DWF = DICE in wafer form.
UltraFast™ Precision
10ns Comparator
DICE ELECTRICAL TEST LIMITS
TA = 25°C. V+ = 5V, V– = –5V, VOUT(Q) = 1.4V, VLATCH = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
RS ≤ 100Ω (Note 1)
±3
mV
IOS
Input Offset Current
(Note 1)
1
μA
IB
Input Bias Current
(Note 2)
10
μA
Input Voltage Range
(Note 3)
Single 5V Supply (Note 3)
–3.75
1.25
3.5
3.5
V
V
CMRR
Common Mode Rejection
–3.75V ≤ VCM ≤ 3.5V
80
dB
PSRR
Supply Voltage Rejection
Positive Supply 4.6V ≤ V+ ≤5.4V
Negative Supply –7V ≤ V– ≤ –2V
60
80
dB
dB
AV
Small-Signal Voltage Gain
1V ≤ VOUT ≤ 2V
1400
V/V
VOH
Output High Voltage
V+ ≥ 4.6V, IOUT = 1mA
IOUT = 10mA
2.80
2.60
V
V
VOL
Output Low Voltage
ISINK = 4mA
0.5
V
I+
Positive Supply Current
35
mA
I–
Negative Supply Current
5mA
VIH
Latch Pin High Input Voltage
2.0
V
VIL
Latch Pin Low Input Voltage
0.8
V
IIL
Latch Pin Current
VLATCH = 0V
500
μA
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
V+
+IN
–IN
V–
LATCH ENABLE
GND
Q OUT
Q OUT
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
UltraFast is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1
1
1
1
8
7
6
5
3
4
2
Note 1: Input offset voltage is defined as the average of the two voltages
measured by forcing first one output, then the other to 1.4V. Input offset
current is defined in the same way.
Note 2: Input bias current (IB) is defined as the average of the two input
currents.
Note 3: Input voltage range is guaranteed in part by CMRR testing and
in part by design and characterization. See the LT1016 data sheet for
discussion of input voltage range for supplies other than ±5V or 5V.


Similar Part No. - RH1016M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1016M LINER-RH1016M Datasheet
116Kb / 6P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results

Similar Description - RH1016M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
logo
Linear Technology
LT1016 LINER-LT1016_03 Datasheet
1Mb / 20P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M Datasheet
116Kb / 6P
UltraFast Precision 10ns Comparator
logo
Analog Devices
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
Fast, Precision Comparator
Rev. E
logo
Linear Technology
LT1016 LINER-LT1016_15 Datasheet
395Kb / 20P
UltraFast Precision 10ns Comparator
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com