Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1028M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1028M
Description  Ultralow Noise Precision High Speed Op Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1028M Datasheet(HTML) 1 Page - Linear Technology

  RH1028M Datasheet HTML 1Page - Linear Technology RH1028M Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
RH1028M/RH1128M
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
VOS TRIM
–IN
+IN
V–
OVER-COMP
OUT
V+
VOS TRIM
114mils
× 81mils,
Backside (substrate) metal: Alloyed gold layer
Backside potential: Connect to V–
1
3
2
6
7
8
DIE CROSS REFERENCE
LTC Finished
Part Number
Order
Part Number
RH1028MW
RH1028MW
RH1028 DICE
RH1028 DWF*
RH1128MW
RH1128MW
RH1128 DICE
RH1128 DWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
Ultralow Noise Precision
High Speed Op Amps
DICE/DWF ELECTRICAL TEST LIMITS VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage (Note 1)
300
μV
IOS
Input Offset Current
VCM = 0V
150
nA
IB
Input Bias Current
VCM = 0V
±400
nA
VIN
Input Voltage Range
±11
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
VCM = ±10.3V
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±16V
VS = ±4.5V to ±16V
110
dB
AVOL
Large Scale Voltage Gain
RL ≥ 2k, VO = ±10V
RL ≥ 1k, VO = ±10V
RL ≥ 600Ω, VO = ±10V
5
3.5
2
V/μV
V/μV
V/μV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
RL ≥ 600Ω
±12
±10.5
V
V
4
5
X = 0 for LT1028B,
1 for LT1128B


Similar Part No. - RH1028M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RH1028M AD-RH1028M Datasheet
434Kb / 6P
Ultralow Noise Precision High Speed Op Amps
Rev. F
logo
Linear Technology
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - RH1028M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1028 LINER-LT1028_01 Datasheet
450Kb / 20P
Ultralow Noise Precision High Speed Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com