Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P702 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # P702
Description  CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P702 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  P702 Datasheet HTML 1Page - Connor-Winfield Corporation P702 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2
Ec218
01
07/31/06
.070
(1.8mm)
CW P702
400M
0535
MAX
MAX
MAX
0
7
TEST CIRCUIT
SUGGESTED PAD LAYOUT
PACKAGE LAYOUT
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
SOLDER PROFILE
OUTPUT WAVEFORM
N/C
E/D
2
Vcc1 = Vcc2 = 3.3Vdc
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
TABLE 6.0
Pin
Connection
1
Enable / Disable
2
N/C
3
Ground
4
Q Output
5
Q Output
6
Vcc
TABLE 7.0
Enable / Disable Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
PIN CONNECTIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com