Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMX-C265 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C265
Description  Surface Mount Chip LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C265 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C265 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C265 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C265 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C265 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C265 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C265 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C265 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Package Dimensions
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified.
3. Polarity of HSMH-C265 will be the opposite of what is shown on above drawing.
Absolute Maximum Ratings
TA = 25°C
Parameter
HSMD/G/S/Y-C265
HSMH-C265
Units
DC Forward Current[1]
25
25
mA
Peak Pulsing Current[2]
100
100
mA
Power Dissipation
65
65
mW
Reverse Voltage (IR = 100 µA)
5
5
V
Led Junction Temperature
95
95
°C
Operating Temperature Range
–30 to +85
–30 to +85
°C
Storage Temperature Range
–40 to +85
–40 to +85
°C
Soldering Temperature
See IR soldering profile (Figure 6)
Notes:
1. Derate linearly as shown in Figure 4.
2. Pulse condition of 1/10 duty and 0.1 msec. width.
HSMx-C260 Pkg Dimen
3.4 (0.134)
0.3 (0.012)
0.50 ± 0.15
(0.020 ± 0.006)
1.1 (0.043)
POLARITY
CATHODE
MARK
1.1 (0.043)
0.50 ± 0.15
(0.020 ± 0.006)
1.2
(0.047)
1.25 (0.049)
LED DIE
UNDIFFUSED
EPOXY
PC BOARD
NOTE:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm UNLIESS OTHERWISE SPECIFIED.
SOLDERING
TERMINAL
R 0.25 (0.01)
0.4 (0.016)
GREEN CATHODE MARK
(CUM SOLDER MASK)
0.4 (0.016)
WHITE SOLDER MASK
(THICKNESS = 0.15 (0.006)
0.25 (0.01)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com