Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0405MF1AA2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # Z0405MF1AA2
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0405MF1AA2 Datasheet(HTML) 6 Page - STMicroelectronics

  Z0405MF1AA2 Datasheet HTML 1Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 2Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 3Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 4Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 5Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 6Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 7Page - STMicroelectronics Z0405MF1AA2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
Z04
6/8
3
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
10.1
0.398
C7.3
0.287
D
10.5
0.413
F
1.5
0.059
H
0.51
0.020
J1.5
0.059
M4.5
0.177
N
5.3
0.209
N1
2.54
0.100
O
1.4
0.055
P
0.7
0.028
A
C
D
F
N1
N
P
O
J
M
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com