Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-315J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-315J
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-315J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-315J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Ordering Information
HCPL-3150andHCPL-315JareULRecognizedwith3750Vrmsfor1minuteperUL1577.
Part
Number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
IEC/EN/DIN
EN 60747-5-2
Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-3150
-000E
No option
300 mil
DIP-8
50 per tube
-300E
#300
x
x
50 per tube
-500E
#500
x
x
x
1000 per reel
-060E
#060
x
50 per tube
-360E
#360
x
x
x
50 per tube
-560E
#560
x
x
x
x
1000 per reel
HCPL-315J
-000E
No option
SO-16
x
x
45 per tube
-500E
#500
x
x
x
850 per reel
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheoption
columntoformanorderentry.
Example1:
HCPL-3150-560Etoorderproductof300milDIPGullWingSurfaceMountpackageinTapeandReelpackaging
withIEC/EN/DINEN60747-5-2SafetyApprovalinRoHScompliant.
Example2:
HCPL-3150toorderproductof300milDIPpackageintubepackagingandnonRoHScompliant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.
Remarks:Thenotation‘#XXX’isusedforexistingproducts,while(new)productslaunchedsince15thJuly2001and
RoHScompliantoptionwilluse‘-XXXE’.
Selection Guide: Invertor Gate Drive Optoisolators
Package Type
8-Pin DIP (300 mil)
Widebody
(400 mil)
Small Outline SO-16
Part Number
HCPL-3150
HCPL-3120
HCPL-J312
HCPL-J314
HCNW-3120
HCPL-315J
HCPL-316J
HCPL-314J
Number of
Channels
1
1
1
1
1
2
1
2
IEC/EN/DIN EN
60747-5-2
Approvals
V
IORM
630 Vpeak
Option 060
V
IORM
891Vpeak
V
IORM
1414 Vpeak
V
IORM
891 Vpeak
UL
Approval
3750
Vrms/1 min.
3750
Vrms/1 min.
5000
Vrms/1min.
3750
Vrms/1 min.
Output Peak
Current
0.5A
2A
2A
0.4A
2A
0.5A
2A
0.4A
CMR
(minimum)
15 kV/µs
10 kV/µs
15 kV/µs
10 kV/µs
UVLO
Yes
No
Yes
No
Fault Status
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com