Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-314J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-314J
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-314J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-314J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Package Outline Drawing
HCPL-314J SO16 Package:
HCPL-314J
8.76 ± 0.20
(0.345 ± 0.008)
7.49 ± 0.10
(0.295 ± 0.004)
0.016 ± 0.0003
(0.406 ± 0.007)
3.51 ± 0.13
(0.138 ± 0.005)
0.457
(0.018)
1.27
(0.050)
9°
16 15 14
11 10
9
1
2
3
6
7
8
VIEW
FROM
PIN 16
VIEW
FROM
PIN 1
0.64
(0.025 MIN.)
10.36 ± 0.20
(0.408 ± 0.008)
0.23
(0.0091)
8.76 ± 0.20
(0.345 ± 0.008)
ALL LEADS TO BE COPLANAR ± 0.05 mm (0.002 INCHES) .
DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0 - 8°
0.10 - 0.30
(0.004 - 0.0118)
STANDOFF
TOP VIEW
11.63 (0.458)
2.16 (0.085)
0.64 (0.025)
LAND PATTERN RECOMMENDATION
Ordering Information
HCPL-314JisULRecognizedwith3750Vrmsfor1minuteperUL1577.
Part number
Option
Package
Surface
Mount
Tape
& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-314J
-000E
No option
SO-16
X
X
45 per tube
-500E
#500
X
X
X
850 per reel
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheoption
columntoformanorderentry.
Example1:
HCPL-314J-500EtoorderproductofSO-16SurfaceMountpackageinTapeandReelpackagingwithIEC/EN/DIN
EN60747-5-2SafetyApprovalinRoHScompliant.
Example2:
HCPL-314JtoorderproductofSO-16SurfaceMountpackageintubepackagingwithIEC/EN/DINEN60747-5-2
SafetyApprovalandnonRoHScompliant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.
Remarks:Thenotation‘#XXX’isusedforexistingproducts,while(new)productslaunchedsince15thJuly2001and
RoHScompliantoptionwilluse‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com