Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS4558P Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # WS4558P
Description  LINEAR INTEGRATED CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS4558P Datasheet(HTML) 2 Page - Wing Shing Computer Components

  WS4558P Datasheet HTML 1Page - Wing Shing Computer Components WS4558P Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
+-22
V
Differential input voltage
VI(DIFF)
+-18
V
Power Dissipation
DIP-8
PD
600
mW
SOP-8
PD
400
mW
Input Voltage
VI
+-15
V
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS( Ta=25
°C ,Vcc=15V,Vee=-15V)
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Supply Current, all Amp, no load
Icc
3.
5.8
mA
Input offset voltage
VIO
Rs<10k
Ω
2
6
mV
Input offset current
IIO
5
200
nA
Input bias current
IBIAS
30
500
nA
PARAMETER
Large signal voltage gain
Gv
Vo(p-p)=+-10V,RL<=2k
Ω
20
200
V/mV
Common Mode Input Voltage
Range
VI(R)
+-12
+-13
V
Common Mode Rejection Ratio
CMRR
Rs<=10k
Ω
70
90
dB
Supply Voltage Rejection Ratio
PSRR
Rs<=10k
Ω
76
90
dB
Output Voltage swing
Vo(p-p)
RL>=10k
Ω
+-12
+-14
V
Power Consumption
Pc
70
170
mV
Slew Rate
SR
Vi=+-10V,RL>=2k
Ω,
CL<=100pF
1.2
2.2
V/
µs
Rise Time
TRIS
Vi=+-20mV,RL>=2k
Ω,
CL<=100pF
0.3
µs
Overshoot
OS
Vi=+-20mV,RL>=2k
Ω,
CL<=100pF
15
%
Input Resistance
Ri
0.3
2
M
Ω
Output Resistance
Ro
75
Ω
Total Harmonic Distortion
THD
f=1kHz,Av=20dB, RL=2k
Ω,
Vo=2Vpp, CL=100pF
0.008
%
Channel Separation
Vo1/Vo2
120
dB
WS4558
2
3.5
LINEAR INTEGRATED CIRCUIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com