Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS4558D Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # WS4558D
Description  LINEAR INTEGRATED CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS4558D Datasheet(HTML) 1 Page - Wing Shing Computer Components

  WS4558D Datasheet HTML 1Page - Wing Shing Computer Components WS4558D Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The WS4558 is a monolithic integrated circuit
designed for dual operational amplifier.
FEATURES
*No frequency compensation required
*No latch-up
*Large common mode and differential voltage range
*Parameter tracking over temperature range
*Gain and phase match between amplifiers
*Internally frequency compensated
*Low noise input transistors
DIP-8
SOP-8
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
OUT2
IN2(-)
IN1(+)
Vee
Vcc
OUT1
IN1(-)
IN2(+)
WS4558
LINEAR INTEGRATED CIRCUIT
Order Number:
WS4558P DIP8
WS4558D
SO8
1
WS4558P
WS4558D


Similar Part No. - WS4558D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
600mA, Single Li-ion Battery Charger
WS4508E-5/TR WILLSEMI-WS4508E-5/TR Datasheet
456Kb / 11P
600mA, Single Li-ion Battery Charger
WS4508S WILLSEMI-WS4508S Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
WS4508S-8/TR WILLSEMI-WS4508S-8/TR Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
WS4518D WILLSEMI-WS4518D Datasheet
362Kb / 13P
300mA, Single Li-ion Battery Charger
More results

Similar Description - WS4558D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com