Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-2107 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2107
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2107 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-2107 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Package Dimensions
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO AVOID STATIC DISCHARGE.
Absolute Maximum Ratings
Supply Voltage, VDD to Ground[1]
-0.3 to 7.0 V
Operating Voltage, VDD to Ground[2]
5.5 V
Input Voltage, Any Pin to Ground
-0.3 to VDD +0.3 V
Free Air Operating Temperature Range, TA[3]
-45°C to +85°C
Storage Temperature Range, TS
-55°C to +100°C
Relative Humidity (non-condensing)
85%
Soldering Temperature
[1.59 mm (0.063 in.) Below Body]
Solder Dipping
260°C for 5 secs
Wave Soldering
250°C for 3 secs
ESD Protection @ 1.5 kΩ, 100 pF
VZ = 4 kV (each pin)
Notes:
1. Maximum Voltage is with no LEDs illuminated.
2. 20 dots ON in all locations at full brightness.
3. Maximum supply voltage is 5.25 V for operation above 70°C.
SYM.
TYP.
TYP. (NON-ACCUM)
LUMINOUS INTENSITY CATEGORY
COLOR BIN (NOTE 3)
COUNTRY OF ORIGIN
2.17
(0.085)
IMAGE PLANE
(FOR REFERENCE ONLY)
2.01 (0.08)
5.31
(0.209)
9.8
(0.386)
4.81
(0.189)
[4]
3.92
(0.154)
SYM.
4.79
(0.189)
2.54
± 0.13
(0.100
± 0.005)
TYP.
DIA. 0.51 ± 0.13
(0.020
± 0.005)
PART NUMBER
15.24
(0.600)
0.25
(0.010)
PIN #
FUNCTION
PIN #
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RST
FL
A0
A1
A2
A3
DO NOT CONNECT
DO NOT CONNECT
DO NOT CONNECT
A4
CLS
CLK
WR
VDD
15
16
17
18
19
20
21
22
23
24
25
26
27
28
GND (SUPPLY)
GND (LOGIC)
CE
RD
D0
D1
NO PIN
NO PIN
D2
D3
D4
D5
D6
D7
PIN FUNCTION ASSIGNMENT TABLE
3
4
5
6
7
19.58
(0.771)
2.69
(0.106)
42.59 (1.677)
TYP.
5.33
(0.210)
SYM.
2.64
(0.104)
PIN 1 IDENTIFIER
PIN DESIGNATION
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON ALL DIMENSIONS IS
± 0.25 mm (0.010 INCH).
3. FOR YELLOW AND GREEN DEVICES ONLY.
HDSP-21XX
Y Z
YYWW
COO
DATE CODE
2
1
28
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com