Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC358 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # STC358
Description  Low Power Dual OP AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC358 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  STC358 Datasheet HTML 1Page - Suntac Electronic Corp. STC358 Datasheet HTML 2Page - Suntac Electronic Corp. STC358 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
36 or 18
V
Differential input voltage
VIND
32
V
Input voltage
VIN
-0.3 ~ +32
V
Power Dissipation
PD
300
mW
Operating temperature
Topr
-45 ~ +85
C
Storage temperature
Tstg
-55 ~ 150
C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V and –45 C
Ta
+85 C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
5V
VCC 30V
(Ta=25 C)
-
2
7
Input offset voltage
VIOS
Rg = 0 , 0V
VIC VCC-1.5V
-
-
9
mV
Input offset voltage drift
VIOS/ T
Rg = 0
-
7
-
V/ C
(Ta=25 C)
-
5
50
Input offset current
IIOS
-
-
150
nA
Input offset current drift
IIOS/ T
-
-
10
-
pA/ C
(Ta=25 C)
-
45
250
Input bias current
IIB
-
-
40
500
nA
(Ta=25 C)
0
-
VCC
–1.5
V
Input common mode
voltage range
VICR
VCC = 30V
0
-
VCC
–2
V
VCC = 30V, RL =
-
1
2
Supply current
ICC
VCC = 5V, RL =
-
0.7
1.2
mA
(Ta=25 C)
25
100
-
Large signal voltage
gain
GV
VCC = 15V
RL
2 K
15
-
-
V/mV
VCC = 30V
RL=2 K
26
-
-
VOH
RL=10 K
27
28
-
V
Output voltage swing
VOL
VCC =5V, RL 10 K
-
3
20
mV
Common mode
rejection ratio
CMRR
(Ta=25 C)
65
90
-
dB
Power supply
rejection ratio
PSRR
(Ta=25 C)
65
100
-
dB
VCC = 15V
(Ta=25 C)
20
40
-
Output source current
IO+
VIN+ = 1V, VIN- = 0V
10
20
-
mA
VCC = 15V
(Ta=25 C)
10
20
-
VIN+ = 0V, VIN- = 1V
5
8
-
mA
VOUT = 200mV,
(Ta=25 C)
Output sink current
IO-
VIN+ = 0V, VIN- = 1V
12
50
-
A
Output short circuit to
ground
ISC
Ta=25 C
-
40
60
mA
STC358



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com