Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC945 Datasheet(PDF) 3 Page - Suntac Electronic Corp.

Part # STC945
Description  General small signal amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC945 Datasheet(HTML) 3 Page - Suntac Electronic Corp.

  STC945 Datasheet HTML 1Page - Suntac Electronic Corp. STC945 Datasheet HTML 2Page - Suntac Electronic Corp. STC945 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KST-9075-000
3
STC945
Electrical Characteristic Curves
Fig. 4 h
FE -IC
Fig. 1 P
C –Ta
Fig. 2 I
C -VBE
Fig. 3 I
C -VCE
Fig. 5 V
CE(sat) -IC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com