Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5050 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5050 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5050 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5050 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Pinout of ADNS-5050 Optical Mouse Sensor
Pin
Name
Description
I/O type
1
SDIO
Serial Port Data Input and Output
I/O
2
XY_LED
LED Control
O
3
NRESET
Reset Pin (active low input)
I
4
NCS
Chip Select (active low input)
I
5
VDD5
Supply Voltage
Power
6
GND
Ground
Ground
7
REGO
Regulator Output
O
8
SCLK
Serial Clock Input
I
Figure 1. Package outline drawing (top view).
Figure 2. Package outline drawing.
CAUTION:
It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may
be induced by ESD
A5050 XYYWWZ
1
2
3
4
8
6
5
7
A
A
Pin #1
1.09
.043
Volcano Height
from Lens Flat
Section A-A
Notes:
1. Dimension in mm/inches
2. Dimension Tolerance: ±01 mm
3. Coplonority of Leads 0.1mm
4. Cumulative Pitch Tolerance: ±015 mm
5. Lead Pitch Tolerance: ±015 mm
6. Maximum Flash: 0.2mm
7. Angular Tolerance: ±3o
2.54
.100
Die to Aperture
4.30
.169
0.50
.020
Lead Width
9.90
.390
2.00
.079
Lead Pitch
1.00
.039
Lead O set
12.5
.506
(At Shoulder)
9.10
.358
0.25
.010
4.30
.169
5.15
203
12.85 ±045
.506 ±018
( At Lead Tip)
90o ±3o
5.60
.220
At Base
5.00
.197
Protective
Kapton Tape
2.00
.079
0.80
.031
Clear Optical
Path
Pin #1
4.55
.179
4.45
.175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com