Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFL680 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HTFL680
Description  3.3V 14 PIN DIP HCMOS TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HTFL680 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HTFL680 Datasheet HTML 1Page - Connor-Winfield Corporation HTFL680 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield HTFL680
is a 3.3V HCMOS, hermetically
sealed, fixed frequency,
Temperature Compensated
Crystal Oscillator (TCXO). The
HTFL680 is designed for
applications that require tight
Frequency Stability over the
Industrial Temperature Range.
1
2
HTFL680
- 20.00 MHz
TCXO
SERIES
CENTER
FREQUENCY
3.3V OPERATION
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE OF
±8.0ppm
TEMPERATURE RANGE -40 to 85°C
HERMETICALLY SEALED PACKAGE
3.3V 14 PIN DIP HCMOS TCXO
HTFL680
Tx119
01
11/17/04
ORDERING INFORMATION
FEATURES
DESCRIPTION
CW 0434
HTFL680
20.00M
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
(Fo)
2.0
-
77.76
MHz
Frequency Tolerance
-8.0
-
8.0
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
9
25
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-80
-
SSB Phase Noise at 100Hz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
HCMOS OUTPUT
CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
2.4
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
3
5
nS
Note:
1) Inclusive of calibration, frequency vs. temperature stability, supply voltage change, load change,
shock and vibration, 20 years aging.
PACKAGE CHARACTERISTICS
TABLE 4.0
Package
Hermetically sealed, metal package.


Similar Part No. - HTFL680

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTFL6D-12.800 CONNOR-WINFIELD-HTFL6D-12.800 Datasheet
161Kb / 4P
14 Pin DIP Package
HTFL6D-12.800M CONNOR-WINFIELD-HTFL6D-12.800M Datasheet
161Kb / 4P
14 Pin DIP Package
More results

Similar Description - HTFL680

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVB3AC3AB CONNOR-WINFIELD-OVB3AC3AB Datasheet
189Kb / 2P
14 PIN DIP 3.3V HCMOS OCVCXO
ATV2G CONNOR-WINFIELD-ATV2G Datasheet
99Kb / 2P
5.0V 14 Pin DIP HCMOS TCXO
ATV2G5 CONNOR-WINFIELD-ATV2G5 Datasheet
104Kb / 2P
5.0V 14 Pin DIP HCMOS TCXO
ATV561 CONNOR-WINFIELD-ATV561 Datasheet
61Kb / 1P
14 PIN DIP HCMOS TCXO
ATV562 CONNOR-WINFIELD-ATV562 Datasheet
39Kb / 1P
14 PIN DIP HCMOS TCXO
ATV622 CONNOR-WINFIELD-ATV622 Datasheet
62Kb / 1P
14 PIN DIP HCMOS TCXO
HTF2A-19.44M CONNOR-WINFIELD-HTF2A-19.44M Datasheet
205Kb / 2P
5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
3.3V 14 PIN DIP HCMOS TCXO
logo
Crystek Corporation
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
8 & 14 Pin Dip, 3.3V, HCMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com