Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-2829 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2829
Description  Surface Mount RF Schottky Barrier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2829 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2829 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
Note: "AB" represents package marking code.
"C" re presents date code.
END VIEW
8 mm
4 mm
TOP VIEW
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
END VIEW
8 mm
4 mm
TOP VIEW
Note: "AB" represents package marking code.
"C" represents date code.
ABC
ABC
ABC
ABC
For Outline SOT-143
For Outlines SOT-23, -323
For Outline SOT-363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com