Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1469 Datasheet(PDF) 13 Page - Linear Technology

Part # 1469
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1469 Datasheet(HTML) 13 Page - Linear Technology

Back Button 1469 Datasheet HTML 9Page - Linear Technology 1469 Datasheet HTML 10Page - Linear Technology 1469 Datasheet HTML 11Page - Linear Technology 1469 Datasheet HTML 12Page - Linear Technology 1469 Datasheet HTML 13Page - Linear Technology 1469 Datasheet HTML 14Page - Linear Technology 1469 Datasheet HTML 15Page - Linear Technology 1469 Datasheet HTML 16Page - Linear Technology 1469 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1469
13
1469fa
APPLICATIONS INFORMATION
Capacitive Loading
The LT1469 drives capacitive loads of up to 100pF in unity-
gain and 300pF in a gain of –1. When there is a need to
drive a larger capacitive load, a small series resistor should
be inserted between the output and the load. In addition,
a capacitor should be added between the output and the
inverting input as shown in Figure 3.
Settling Time
The LT1469 is a single stage amplifier with an optimal
thermal layout that leads to outstanding settling per-
formance. Measuring settling even at the 12-bit level is
very challenging, and at the 16-bit level requires a great
deal of subtlety and expertise. Fortunately, there are two
excellent Linear Technology reference sources for settling
measurements—Application Notes 47 and 74. Appendix B
of AN47 is a vital primer on 12-bit settling measurements
and AN74 extends the state-of-the-art while concentrating
on settling time with a 16-bit current output DAC input.
The settling of the DAC I-to-V converter on the front page
was measured using the exact methods of AN74. The
optimum nulling of the DAC output capacitance requires
15pF across the 12k feedback resistor. The theoretical limit
for 16-bit settling is 11.1 times this RC time constant or
2μs. The actual settling time is 2.4μs at the output of the
LT1469.
The RC output noise filter adds a slight settling time delay
but reduces the noise bandwidth to 1.6MHz which increases
the output resolution for 16-bit accuracy.
Figure 3. Driving Capacitive Loads
+
–
VOUT
RF
RO ≥ (1 + RF/RG)/(2 • CL • 5MHz)
RF ≥ 10RO
CF = (2RO/RF)CL
CF
1/2 LT1469
VIN
1469 F03
CL
RG
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com