Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX22X4 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # AX22X4
Description  Acriche series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX22X4 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button AX22X4 Datasheet HTML 3Page - Seoul Semiconductor AX22X4 Datasheet HTML 4Page - Seoul Semiconductor AX22X4 Datasheet HTML 5Page - Seoul Semiconductor AX22X4 Datasheet HTML 6Page - Seoul Semiconductor AX22X4 Datasheet HTML 7Page - Seoul Semiconductor AX22X4 Datasheet HTML 8Page - Seoul Semiconductor AX22X4 Datasheet HTML 9Page - Seoul Semiconductor AX22X4 Datasheet HTML 10Page - Seoul Semiconductor AX22X4 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
7
0
2 5
5 0
7 5
100
1 2 5
0
10
20
30
40
110V
V o lta g e [R M S , V ]
0
2 5
5 0
7 5
1 00
12 5
0
10
20
30
40
100V
V o lta g e [ R M S , V ]
1. Current[RMS] vs Voltage[RMS] - 100V
2. Current[RMS] vs Voltage[RMS] - 110V
Current – Voltage characteristics, Ta=25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com