Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2200 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # AX2200
Description  Acriche series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX2200 Datasheet(HTML) 1 Page - Seoul Semiconductor

  AX2200 Datasheet HTML 1Page - Seoul Semiconductor AX2200 Datasheet HTML 2Page - Seoul Semiconductor AX2200 Datasheet HTML 3Page - Seoul Semiconductor AX2200 Datasheet HTML 4Page - Seoul Semiconductor AX2200 Datasheet HTML 5Page - Seoul Semiconductor AX2200 Datasheet HTML 6Page - Seoul Semiconductor AX2200 Datasheet HTML 7Page - Seoul Semiconductor AX2200 Datasheet HTML 8Page - Seoul Semiconductor AX2200 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
1
AX2200
AX2200
Features
• Connect directly in AC
•Power Saving
•Long Life Time
•Simple BOM
• Miniaturization
•Low thermal
resistance
• SMT solderbility
• Lead Free product
•RoHS compliant
Application
• Architectural lighting
• Task lighting
• Decorative / Pathway
lighting
• Household appliances
Acriche series is designed for AC source
operation and high flux output applications.
Acriche is a semi-permanent and
Environmental.
Friendly semiconductor lighting that can be used in AC
without additional device.
Acriche's thermal management perform exceeds
other power LED solutions.
It incorporates state of the art SMD design and Thermal
emission material.
Acriche is ideal light sources for general illumination
Applications.
* The appearance and specifications of the product can be changed
for improvement without notice.


Similar Part No. - AX2200

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX220XX ASIX-AX220XX Datasheet
333Kb / 2P
Single Chip Microcontroller with TCP/IP and 802.11 WLAn MAC/Baseband
More results

Similar Description - AX2200

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX22X4 SEOUL-AX22X4 Datasheet
530Kb / 16P
Acriche series
AX32X1 SEOUL-AX32X1 Datasheet
595Kb / 19P
Acriche series
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com