Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 2 Page - Supertex, Inc

Part # 2N7002
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

2N7002 Datasheet(HTML) 2 Page - Supertex, Inc

  2N7002 Datasheet HTML 1Page - Supertex, Inc 2N7002 Datasheet HTML 2Page - Supertex, Inc 2N7002 Datasheet HTML 3Page - Supertex, Inc 2N7002 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-10
2N7002
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θ
jc
θ
ja
I
DR*IDRM
@ TA = 25°C
°C/W
°C/W
TO-236AB
115mA
800mA
0.36W
200
350
115mA
800mA
* I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
V
ID = 10µA, VGS = 0V
VGS(th)
Gate Threshold Voltage
1.0
2.5
V
VGS = VDS, ID = 250µA
∆V
GS(th)
Change in VGS(th) with Temperature
-5.5
mV/
°CI
D = 250µA, VGS = VDS
IGSS
Gate Body Leakage
±100
nA
VGS = ±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
1
µAV
GS = 0V, VDS = Max Rating
500
µAV
GS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
I
D(ON)
ON-State Drain Current
500
mA
V
GS = 10V, VDS = 25V
R
DS(ON)
7.5
Ω
V
GS = 5V, ID = 50mA
7.5
Ω
V
GS = 10V, ID = 0.5A
∆R
DS(ON)
Change in R
DS(ON) with Temperature
1.0
%/
°CV
GS = 10V, ID = 0.5A
G
FS
Forward Transconductance
80
m
V
DS = 25V, ID = 0.5A
C
ISS
Input Capacitance
50
C
OSS
Common Source Output Capacitance
25
pF
V
GS = 0V, VDS = 25V, f = 1MHz
C
RSS
Reverse Transfer Capacitance
5
t
(ON)
Turn-ON Time
20
ns
t
(OFF)
Turn-OFF Time
20
V
SD
Diode Forward Voltage Drop
1.2
V
I
SD = 0.2A, VGS = 0V
t
rr
Reverse Recovery Time
400
ns
I
SD = 0.8A, VGS = 0V
Notes:
1. All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Electrical Characteristics (@ 25
°C unless otherwise specified)
Static Drain-to-Source
ON-State Resistance
V
DD = 30V, ID = 0.2A,
RGEN = 25Ω
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com