Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6416DF06MR Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6416DF06MR
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416DF06MR Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6416DF06MR Datasheet HTML 10Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 11Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 12Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 13Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 14Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 15Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 16Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 17Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14/30
XC6416 Series
XC6416(VOUT=2.8V)
XC6416(VOUT=2.8V)
Ta=25℃
Ta=25℃
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
XC6416(VOUT=4.0V)
XC6416(VOUT=4.0V)
Ta=25℃
Ta=25℃
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
■PS mode(VGO=VSS)
XC6416(VOUT=0.8V)
XC6416(VOUT=0.8V)
Ta=25℃
Ta=25℃
VGO=VSS
VGO=VSS
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
0
1
2
3
4
0123
456
Input Voltage : VIN[V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
2.750
2.775
2.800
2.825
2.850
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
0
1
2
3
4
5
0123
456
Input Voltage : VIN[V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
3.950
3.975
4.000
4.025
4.050
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
0
0.2
0.4
0.6
0.8
1
0
123
456
Input Voltage : VIN[V]
IOUT=1mA
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
IOUT=1mA
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
■GreenOperation mode (VGO=VSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com