Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111R Datasheet(PDF) 39 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 39 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 35Page - Feature Integration Technology Inc. F75111R Datasheet HTML 36Page - Feature Integration Technology Inc. F75111R Datasheet HTML 37Page - Feature Integration Technology Inc. F75111R Datasheet HTML 38Page - Feature Integration Technology Inc. F75111R Datasheet HTML 39Page - Feature Integration Technology Inc. F75111R Datasheet HTML 40Page - Feature Integration Technology Inc. F75111R Datasheet HTML 41Page - Feature Integration Technology Inc. F75111R Datasheet HTML 42Page - Feature Integration Technology Inc. F75111R Datasheet HTML 43Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
July, 2007
V0.27P
- 37 -
F75111
8. Electron Characteristic
8.1 Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage
-0.5 to 4.0
V
Input Voltage
-0.5 to 5.5
V
Operating Temperature
-20 to +85
° C
Storage Temperature
-55 to +150
° C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and
reliability of the device.
8.2 DC Characteristics
(Ta = 0
° C to 70° C, VDD = 3.3V ± 10%, VSS = 0V) (Note)
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
CONDITIONS
I/O12t - TTL level bi-directional pin with source-sink capability of 12 mA
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Current
IOL
10
12
mA
VOL = 0.4V
Output High Current
IOH
-12
-10
mA
VOH = 2.4V
Input High Leakage
ILIH
+2
µA
VIN = VDD
Input Low Leakage
ILIL
-2
µA
VIN = 0V
I/O12ts - TTL level bi-directional pin with source-sink capability of 12 mA and schmitt-trigger level
input
Input Low Threshold Voltage
Vt-
0.5
0.8
1.1
V
VDD = 3.3 V
Input High Threshold Voltage
Vt+
1.6
2.0
2.4
V
VDD = 3.3 V
Output Low Current
IOL
10
12
mA
VOL = 0.4 V
Output High Current
IOH
-12
-10
mA
VOH = 2.4V
Input High Leakage
ILIH
+2
µA
VIN = VDD
Input Low Leakage
ILIL
-2
µA
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com