Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75133 Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75133
Description  LOADING GAUGE IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75133 Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75133 Datasheet HTML 16Page - Feature Integration Technology Inc. F75133 Datasheet HTML 17Page - Feature Integration Technology Inc. F75133 Datasheet HTML 18Page - Feature Integration Technology Inc. F75133 Datasheet HTML 19Page - Feature Integration Technology Inc. F75133 Datasheet HTML 20Page - Feature Integration Technology Inc. F75133 Datasheet HTML 21Page - Feature Integration Technology Inc. F75133 Datasheet HTML 22Page - Feature Integration Technology Inc. F75133 Datasheet HTML 23Page - Feature Integration Technology Inc. F75133 Datasheet HTML 24Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2007
V0.28P
-18-
F75133
8.28
VENDOR ID Register(I)
 Index 5Dh
Bit
Name
R/W Default
Description
7-0 VENDOR_ID1
R
19h
19h for Fintek
8.29
VENDOR ID Register(II)
 Index 5Eh
Bit
Name
R/W Default
Description
7-0 VENDOR_ID2
R
34h
34h for Fintek



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com