Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HW331A Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # HW331A
Description  WHITE HIGH FLUX LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HW331A Datasheet(HTML) 5 Page - Seoul Semiconductor

  HW331A Datasheet HTML 1Page - Seoul Semiconductor HW331A Datasheet HTML 2Page - Seoul Semiconductor HW331A Datasheet HTML 3Page - Seoul Semiconductor HW331A Datasheet HTML 4Page - Seoul Semiconductor HW331A Datasheet HTML 5Page - Seoul Semiconductor HW331A Datasheet HTML 6Page - Seoul Semiconductor HW331A Datasheet HTML 7Page - Seoul Semiconductor HW331A Datasheet HTML 8Page - Seoul Semiconductor HW331A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 03
Rev. 03
November 2008
November 2008
www.ZLED.com
www.ZLED.com
3. Absolute maximum ratings
ºC
-40 ~ 100
T
stg
Storage Temperature
ºC
260ºC for 5second [2]
T
S
Solder Temperature
ºC
-40 ~ 100
T
opr
Operating Temperature
mW
120
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
mA
100
I
FP
[1]
Forward Peak Pulse Current
mA
30
I
F
DC Forward Current
Unit
Value
Symbol
Parameter
[1] t ≤ 0.1ms, D = 1/10
[2] No closer than stopper.
4. Electric & Optical characteristics
ºC /W
130
IF=30mA
Rθ
J-P
Thermal Resistance
µA
5
-
-
Vr=5V
I
R
Reverse Current
Deg.
110
IF=30mA
2
θ
½
View Angle
V
4.0
3.4
-
IF=30mA
V
F
Forward Voltage[5]
-
x=0.31, y=0.31
IF=30mA
X, y
Chromaticity Coordinate[4]
lm
-
6
4.4
IF=30mA
Ф
V
Luminous Flux [3]
Unit
Max
Typ
Min
Condition
Symbol
Parameter
[3] SSC maintains a tolerance of
±10% on flux and power measurements.
[4] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color Coordinates Measurement allowance is ± 0.01
[5] A tolerance of
±0.05V on forward voltage measurements.
[Note] All measurements were made under the standardized environment of SSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com