Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2540 Datasheet(PDF) 2 Page - Supertex, Inc

Part # DN2540
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2540 Datasheet(HTML) 2 Page - Supertex, Inc

  DN2540 Datasheet HTML 1Page - Supertex, Inc DN2540 Datasheet HTML 2Page - Supertex, Inc DN2540 Datasheet HTML 3Page - Supertex, Inc DN2540 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSX
DN2540
400
V
VGS = -5V, ID = 100µA
DN2535
350
VGS(OFF)
Gate-to-Source OFF Voltage
–1.5
–3.5
V
VDS = 25V, ID= 10µA
∆VGS(OFF)
Change in VGS(OFF) with Temperature
4.5
mV/°CVDS = 25V, ID= 10µA
IGSS
Gate Body Leakage Current
100
nA
VGS = ± 20V, VDS = 0V
ID(OFF)
Drain-to-Source Leakage Current
10
µAVGS = -10V, VDS = Max Rating
1mA
VGS = -10V, VDS = 0.8 Max Rating
TA = 125°C
IDSS
Saturated Drain-to-Source Current
150
mA
VGS = 0V, VDS = 25V
RDS(ON)
Static Drain-to-Source
17
25
Ω
VGS = 0V, ID = 120mA
ON-State Resistance
∆RDS(ON)
Change in RDS(ON) with Temperature
1.1
%/°CVGS = 0V, ID = 120mA
GFS
Forward Transconductance
325
m
ID = 100mA, VDS = 10V
CISS
Input Capacitance
200
300
VGS = -10V, VDS = 25V
COSS
Common Source Output Capacitance
12
30
pF
f = 1 MHz
CRSS
Reverse Transfer Capacitance
1
5
td(ON)
Turn-ON Delay Time
10
VDD = 25V,
tr
Rise Time
15
ns
ID = 150mA,
td(OFF)
Turn-OFF Delay Time
15
RGEN = 25Ω
tf
Fall Time
20
VSD
Diode Forward Voltage Drop
1.8
V
VGS = -10V, ISD = 120mA
trr
Reverse Recovery Time
800
ns
VGS = -10V, ISD = 1A
Notes:
1.
All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
Drain-to-Source
Breakdown Voltage
Switching Waveforms and Test Circuit
DN2535/DN2540
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θ
θθ
θθjc
θ
θθ
θθja
IDR*IDRM
@ TC = 25°C
°C/W
°C/W
TO-92
120mA
500mA
1.0W
125
170
120mA
500mA
TO-220
500mA
500mA
15.0W
8.3
70
500mA
500mA
TO-243AA
170mA
500mA
1.6W (TA = 25°)†
15
78†
170mA
500mA
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate. TA = 25°C
Thermal Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com