Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7CT Datasheet(PDF) 10 Page - Linear Technology

Part # LT1584/5/7CT
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7CT Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1584/5/7CT Datasheet HTML 6Page - Linear Technology LT1584/5/7CT Datasheet HTML 7Page - Linear Technology LT1584/5/7CT Datasheet HTML 8Page - Linear Technology LT1584/5/7CT Datasheet HTML 9Page - Linear Technology LT1584/5/7CT Datasheet HTML 10Page - Linear Technology LT1584/5/7CT Datasheet HTML 11Page - Linear Technology LT1584/5/7CT Datasheet HTML 12Page - Linear Technology LT1584/5/7CT Datasheet HTML 13Page - Linear Technology LT1584/5/7CT Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1584/LT1585/LT1587
158457a
APPLICATIONS INFORMATION
The use of capacitors with low ESR, low ESL, and good high
frequency characteristics is critical in meeting the output
voltage tolerances of these high speed microprocessors.
These requirements dictate a combination of high quality,
surface mount tantalum capacitors and ceramic capaci-
tors. The location of the decoupling network is critical to
transient response performance. Place the decoupling
network as close as possible to the processor pins because
trace runs from the decoupling capacitors to the processor
pins are inductive. The ideal location for the decoupling
network is actually inside the microprocessor socket cav-
ity. In addition, use large power and ground plane areas to
minimize distribution drops.
A possible stability problem that occurs in monolithic linear
regulators is current limit oscillations. The LT1585/LT1587
essentially have a flat current limit over the range of input
supply voltage. The lower current limit rating and 7V
maximum supply voltage rating for these devices permit
this characteristic. Current limit oscillations are typically
nonexistent, unless the input and output decoupling ca-
pacitors for the regulators are mounted several inches
from the terminals. The LT1584 differs from the LT1585/
LT1587 and provides current limit foldback as input-to-
output differential voltage increases. This safe-area char-
acteristic exhibits a negative impedance because increas-
ing voltage causes output current to decrease. Negative
resistance during current limit is not unique to the LT1584
devices and is present on many power IC regulators. The
value of the negative resistance is a function of how fast the
current limit is folded back as input-to-output voltage
increases. This negative resistance can react with capaci-
tors and inductors on the input and output to cause
oscillation during current limit. Depending on the values of
series resistances, the overall system may end up unstable.
However, the oscillation causes no problem and the IC
remains protected. In general, if this problem occurs and is
unacceptable, increasing the amount of output capacitance
helps dampen the system.
Protection Diodes
In normal operation, the LT1584/LT1585/LT1587 family
does not require any protection diodes. Older three-termi-
nal regulators require protection diodes between the out-
put pin and the input pin or between the adjust pin and the
output pin to prevent die overstress.
On the adjustable LT1584/LT1585/LT1587, internal resis-
tors limit internal current paths on the adjust pin. There-
fore, even with bypass capacitors on the adjust pin, no
protection diode is needed to ensure device safety under
short-circuit conditions.
A protection diode between the input and output pins is
usually not needed. An internal diode between the input and
output pins on the LT1584/LT1585/LT1587 family can
handle microsecond surge currents of 50A to 100A. Even
with large value output capacitors it is difficult to obtain
those values of surge currents in normal operation. Only
with large values of output capacitance, such as 1000
µF to
5000
µF, and with the input pin instantaneously shorted to
ground can damage occur. A crowbar circuit at the input of
the LT1584/LT1585/LT1587 can generate those levels of
current, and a diode from output to input is then recom-
mended. This is shown in Figure 2. Usually, normal power
supply cycling or system “hot plugging and unplugging”
will not generate current large enough to do any damage.
The adjust pin can be driven on a transient basis
±7V with
respect to the output, without any device degradation. As
with any IC regulator, exceeding the maximum input-to-
output voltage differential causes the internal transistors to
break down and none of the protection circuitry is then
functional.
Figure 2
LT1584-3.3
D1
1N4002
(OPTIONAL)
GND
VIN
VOUT
IN
OUT
C1
10
µF
C2
22
µF
LT1584
D1
1N4002
(OPTIONAL)
ADJ
VIN
VOUT
IN
OUT
LT1584 • F02
C1
10
µF
C2
22
µF
R1
R2
CADJ
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com