Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1584/5/7-3.3
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LT1584/5/7-3.3 Datasheet HTML 1Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 2Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 3Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 4Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 5Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 6Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 7Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 8Page - Linear Technology LT1584/5/7-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1584/LT1585/LT1587
158457a
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Thermal Regulation
LT1584/5/7
TA = 25°C, 30ms pulse
LT1584/5/7-3.3
TA = 25°C, 30ms pulse
LT1584/5-3.38
TA = 25°C, 30ms pulse
LT1584/5/7-3.45 TA = 25°C, 30ms pulse
LT1584/5/7-3.6
TA = 25°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
q
0.5
%
Long-Term Stability
TA = 125°C, 1000 Hrs.
0.03
1.0
%
RMS Output Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
(% of VOUT)
Thermal Resistance
LT1584
T Package: Control Circuitry/Power Transistor
0.65/2.7
°C/W
Junction to Case
LT1585
T Package: Control Circuitry/Power Transistor
0.7/3.0
°C/W
LT1585
M Package: Control Circuitry/Power Transistor
0.7/3.0
°C/W
LT1587
T Package: Control Circuitry/Power Transistor
0.7/3.0
°C/W
LT1587
M Package: Control Circuitry/Power Transistor
0.7/3.0
°C/W
maximum output power will not be available over the full input/output
voltage range.
Note 4: IFULL LOAD is defined as the maximum value of output load current
as a function of input-to-output voltage. IFULL LOAD is equal to 7A for the
LT1584, 4.6A at TJ ≥ 25°C and 4A at TJ < 25°C for the LT1585/LT1585-3.3
and 3A for the LT1587. The remaining LT1585 fixed voltage versions are
4A. The LT1585 and LT1587 have constant current limit with changes in
input-to-output voltage. The LT1584 has variable current limit which
decreases about 4A as input-to-output voltage increases from 3V to 7V.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: See thermal regulation specifications for changes in output voltage
due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 3: Line and load regulation are guaranteed up to the maximum power
dissipation (25W for the LT1584 in T package, 26.5W for the LT1585 in T
package, 18W for the LT1587 in T package). Power dissipation is
determined by input/output differential and the output current. Guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com