Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7-3.45 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1584/5/7-3.45
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7-3.45 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1584/5/7-3.45 Datasheet HTML 8Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 9Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 10Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 11Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 12Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 13Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 14Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 15Page - Linear Technology LT1584/5/7-3.45 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1584/LT1585/LT1587
158457a
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS N
LT1587-3.45
GND
IN
PLACE AT MICROPROCESSOR SOCKET VCC PINS
C1
10
µF
10V
OUT
VIN ≥ 4.75V
C2
22
µF
10V
C3 TO C6
47
µF
10V
ESR OF THE 47
µF IS <0.1Ω
LT1584 • TA03
C7 TO C15
0.1
µF
C16 TO C24
0.01
µF
3.45V
3A
+
+
+
Recommended LT1587-3.45 Circuit for the Intel 486
TM DX4TM Overdrive Microprocessor
LT1585 Transient Response
for 3.8A Load Current Step*
LT1584 • TA05
100
µs/DIV
VOUT
50mV/DIV
IOUT
2A/DIV
Minimum Parts Count LT1585 Adjustable Circuit
for the Intel Pentium VRE Processor
486 and DX4 are trademarks of Intel Corporation.
*TRANSIENT RESPONSE MEASURED WITH AN INTEL
POWER VALIDATOR. VOUT IS MEASURED AT THE
POWER VALIDATOR
LT1585CT
ADJ
IN
AVX CORP. (803) 448-9411
THERMALLOY INC. (214) 243-4321
DO NOT SUBSTITUTE COMPONENTS.
C1 TO C3
220
µF
10V
AVX TPS
3 EACH
R1
110
Ω
0.1%
C4
330nF
16V
AVX X7R 0805
OUT
4.75V TO
5.25V
THERMALLOY
7020B-MT
PLACE IN MICROPROCESSOR
SOCKET CAVITY
C5 TO C10
100
µF
10V
AVX TPS
6 EACH
C11 TO C20
1
µF
16V
AVX Y5V 0805
10 EACH
R2
197
Ω
0.1%
3.50V
4.6A
1584/5/7 TA04
+
+
contribution to the total thermal resistance. Please consult
“Mounting Considerations for Power Semiconductors”
1990 Linear Applications Handbook, Volume I, Pages
RR3-1 to RR3-20. The output connects to the case of all
devices in the LT1584/LT1585/LT1587 series.
For example, using an LT1585CT-3.3 (TO-220, commer-
cial) and assuming:
VIN(Max Continuous) = 5.25V (5V + 5%), VOUT = 3.3V,
IOUT = 4.6A
TA = 70°C, θHEAT SINK = 4°C/W
θCASE-TO-HEAT SINK = 1°C/W (with Thermal Compound)
Power dissipation under these conditions is equal to:
PD = (VIN – VOUT)(IOUT) = (5.25 – 3.3)(4.6) = 9W
Junction temperature will be equal to:
TJ = TA + PD(θHEAT SINK + θCASE-TO-HEAT SINK + θJC)
For the Control Section:
TJ = 70°C + 9W (4°C/W + 1°C/W + 0.7°C/W) = 121.3°C
121.3
°C < 125°C = TJMAX (Control Section Commercial
range)
For the Power Transistor:
TJ = 70°C + 9W (4°C/W + 1°C/W + 3°C/W) = 142°C
142
°C < 150°C = TJMAX (Power Transistor Commercial
Range)
In both cases the junction temperature is below the maxi-
mum rating for the respective sections, ensuring reliable
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com