Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT18LG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HT18LG
Description  Electronic Telephone Line Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT18LG Datasheet(HTML) 3 Page - Supertex, Inc

  HT18LG Datasheet HTML 1Page - Supertex, Inc HT18LG Datasheet HTML 2Page - Supertex, Inc HT18LG Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Block Diagram
TPG
TP
CS
GND
HKS
LS
DP
H = ON
L = OFF
Charge Pump
&
Logic Control
(1)
(2)
(5)
(6) for HT18
(6) for HT19
(8)
(7)
(3)
DP
Pin Description
Pin # Symb
Description
1
TPG
Positive input side of a telephone line, typically Tip side.
2
HKS
Hookswitch input. Connect HKS to TPG to turn on the hook switch. Internally pulled low with a high value resistor.
3
GND
Device ground. Negative side of a telephone line, typically Ring side.
4NC
No Connect. Open Circuit. No internal connections to the device.
5LS
Line switch input. Input logic high turns on the hook switch. Internally pulled low with a high value resistor.
6DP
For HT18. Dial pulse input. Input logic high turns off the hook switch. Used for pulse dialing. Internally pulled low with a
high value resistor.
6DP
For HT19. Dial pulse input. Input logic low turns off the hook switch. Used for pulse dialing. Internally pulled high with a
high value resistor.
7CS
Current sense input. An external resistor connected between CS and TP sets the current limit.
8TP
Positive output side of a telephone line. Zener protection to prevent this output from rising above 18V is required.
HT18/HT19
Typical Application Circuit
Tip
Ring
Transient
Protection
TPG
HKS
GND
DP/DP
LS
CS
RSEN
15V
HT18
or
HT19
Telecom
Circuit
TP
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
12/13/010
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com